Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2126 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC2126
Description  28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2126 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC2126 Datasheet HTML 19Page - Microchip Technology MIC2126 Datasheet HTML 20Page - Microchip Technology MIC2126 Datasheet HTML 21Page - Microchip Technology MIC2126 Datasheet HTML 22Page - Microchip Technology MIC2126 Datasheet HTML 23Page - Microchip Technology MIC2126 Datasheet HTML 24Page - Microchip Technology MIC2126 Datasheet HTML 25Page - Microchip Technology MIC2126 Datasheet HTML 26Page - Microchip Technology MIC2126 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
 2015 Microchip Technology Inc.
DS20005459B-page 23
MIC2125/6
5.6
Output Voltage Setting
The MIC2125/26 requires two resistors to set the
output voltage, as shown in Figure 5-3.
FIGURE 5-3:
Voltage-Divider
Configuration.
The output voltage is determined by Equation 5-21:
EQUATION 5-21:
A typical value of R1 can be in the range of 3 kΩ and
15 kΩ. If R1 is too large, it may allow noise to be
introduced into the voltage feedback loop. If R1 is too
small in value, it will decrease the efficiency of the
power supply, especially at light loads. Once R1 is
selected, R2 can be calculated using Equation 5-22.
EQUATION 5-22:
5.7
Output Overvoltage Limit Setting
The output overvoltage limit should be typically 20%
higher than the nominal output voltage. Set the OVP
limit by connecting a resistor divider from the output to
ground as shown in Figure 5-4.
FIGURE 5-4:
OVP Voltage-Divider
Configuration.
Choose R2 in the range of 10 kΩ to 49.9 kΩ and
calculate R1 using Equation 5-23.
EQUATION 5-23:
5.8
Ripple Injection
The VFB ripple required for proper operation of the
MIC2125/6 gm amplifier and comparator is 20 mV to
100 mV. However, the output voltage ripple is generally
designed as 1% to 2% of the output voltage. For low
output voltages, such as a 1V, the output voltage ripple
is only 10 mV to 20 mV, and the feedback voltage ripple
is less than 20 mV. If the feedback voltage ripple is so
small that the gm amplifier and comparator cannot
sense it, then the MIC2125/6 loses control and the
output voltage is not regulated. In order to have
sufficient VFB ripple, a ripple injection method should
be applied for low output voltage ripple applications.
The applications are divided into three situations
according to the amount of the feedback voltage ripple:
• Enough ripple at the feedback voltage due to the
large ESR of the output capacitors (Figure 5-5).
The converter is stable without any ripple
injection.
R1
R2
FB
g
m AMP
V
REF
V
OUT
V
FB
1
R1
R2
-------
+


=
Where:
VFB
0.6V
R2
V
FB
R1
V
OUT
V
FB
–
-----------------------------
=
R1
R2
OVP
V
REF
R1
R2
V
OVP
0.6
-------------
1
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com