Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8115YA2 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC8115YA2
Description  STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8115YA2 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC8115YA2 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8115
STS-12/STS-3 Multi Rate
Clock and Data Recovery Unit
Page 4
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
9/29/00
G52272-0, Rev. 1.1
AC Characteristics
Table 2: Performance Specifications
Parameters
Min
Typ
Max
Units
Conditions
VCO Center Frequency
—
622.08
—
MHz
CRU’s Reference Clock Frequency
Tolerance
-250
—
+250
ppm
OC-12/STS12 Capture Range
—
—
ppm
With respect to the fixed
reference frequency
Clock Output Duty Cycle
45
—
55
% of UI
20% Minimum transition
density
Acquisition Lock Time OC-12/STS-12
—
—
16
µs
Valid REFCLK and device
already powered up
LVDS Output Rise & Fall Times
—
—
600
ps
10% to 90%, with 100
Ω & 5pF
capacitive equivalent load
CLKOUT+/- Jitter Generation
—
0.005
0.01
U.I.
No more than 14ps rms jitter on
DATAIN+/-
OC-12/STS-12 Jitter Tolerance
0.5
—
—
U.I.
Sinusoidal input jitter of
DATAIN+/- from 250KHz to
5MHz
500
±



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com