Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8115YA2 Datasheet(PDF) 12 Page - Vitesse Semiconductor Corporation

Part # VSC8115YA2
Description  STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8115YA2 Datasheet(HTML) 12 Page - Vitesse Semiconductor Corporation

Back Button VSC8115YA2 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 12Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8115
STS-12/STS-3 Multi Rate
Clock and Data Recovery Unit
Page 12
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
9/29/00
G52272-0, Rev. 1.1
Package Thermal Characteristics
The VSC8115 is packaged in a Thin Shrink Small Outline Package (TSSOP). This package conforms to
JEDEC package outline standards. It has hi-conductivity copper lead frames and a very low-stress mold com-
pound. The junction to case thermal resistance is 80oC/W for multi-layer PCB applications and 126oC/W for
single-layer PCB applications. The air flow versus thermal resistance relationship for multi-layer PCB applica-
tions is shown in Table 11.
Table 11: Theta Case to Ambient versus Air Velocity
Ordering Information
The order number for this product are:
Part Number
Device Type
VSC8115YA:
STS-12/STS-3 Multi-Rate Clock and Data Recovery Unit in a 20 Pin TSSOP
Commercial Temperature, 0
°C ambient to 70°C case
VSC8115YA1
STS-12/STS-3 Multi-Rate Clock and Data Recovery Unit in a 20 Pin TSSOP
Extended Temperature, 0
°C ambient to 110°C case
VSC8115YA2
STS-12/STS-3 Multi-Rate Clock and Data Recovery Unit in a 20 Pin TSSOP
Industrial Temperature, -40
°C ambient to 85°C case
Notice
This document contains information about a proposed product during its design phase of development and
is subject to change without notice at any time. All features and specification are design goals only. Please con-
tact Vitesse Semiconductor to obtain the latest product status and most recent versions of this specification.
Warning
Vitesse Semiconductor Corporation’s product are not intended for use in life support appliances, devices or
systems. Use of a Vitesse product in such applications without the written consent is prohibited.
Air Velocity
(LFPM)
Case to Air
Thermal
Resistance
(oC/W)
Ta (Ambient Temperature) Range (oC)
YA
YA1
YA2
(0oC to 75oC ) Tcase
(0oC to 103oC ) Tcase
(-40oC to 85oC ) Tcase
0
55.0
15.4
to
59.6
15.4
to
87.6
-55.4
to
69.6
100
52.0
14.6
to
60.4
14.6
to
88.4
-54.6
to
70.4
200
49.0
13.7
to
61.3
13.7
to
89.3
-53.7
to
71.3
400
46.0
12.9
to
62.1
12.9
to
90.1
-52.9
to
72.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com