Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8115YA2 Datasheet(PDF) 10 Page - Vitesse Semiconductor Corporation

Part # VSC8115YA2
Description  STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8115YA2 Datasheet(HTML) 10 Page - Vitesse Semiconductor Corporation

Back Button VSC8115YA2 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 12Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8115
STS-12/STS-3 Multi Rate
Clock and Data Recovery Unit
Page 10
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
9/29/00
G52272-0, Rev. 1.1
Table 10: Pin Identification
Signal
I/O
Level
Pin Description
DATAIN+/-
I
LVPECL
Receive data in. The high speed output clock (CLKOUT+/-) is
recovered from this high speed differential input data.
DATAOUT+/-
O
LVDS/LVPECL
High speed differential data out. This is the retimed version of the
receive data input (DATAIN+/-). Can be configured as either LVDS
or LVPECL signal.
CLKOUT+/-
O
LVDS/LVPECL
High speed differential clock out This clock is recovered from the
receive data input (DATAIN+/-). Can be configured as either LVDS
or LVPECL signal.
STS12
I
LVTTL
STS-12 or STS-3 mode selection. Set HIGH to select the STS-12
operation. Set LOW to select the STS-3 operation.
LOCKREFN
I
LVTTL
Lock to REFCLK input. When set LOW, it holds the CLKOUT+/-
output to within +500ppm of the REFCLK input, and it forces the
DATAOUT+/- output to the LOW state.
SD
I
LVPECL
Signal Detect. SD should be connected to the SD output on the
optical module. SD is active HIGH. When SD is set HIGH, it means
that there is sufficient optical power. When SD is set LOW to
indicate loss of signal condition, the CLKOUT+/- output signal will
be held to within +500ppm of the REFCLK input; in additions, the
DATAOUT+/- will be held in the LOW state.
REFCLK
I
LVTTL
19.44 MHz local reference clock input for the CRU. REFCLK is used
for the PLL phase adjustment during power up, and it also serves as a
stable clock source in the absence of serial input data.
LOCKDET
O
LVPECL
Active HIGH to indicate that PLL is locked to serial data input, and
valid clock and data are present at the serial outputs (DATAOUT+/-
and CLKOUT+/-). The LOCKDET will go inactive under the
following conditions:
(1). If SD is set LOW.
(2). If LOCKREFN is set LOW.
(3). If the VCO has drifted away from the local reference
clock REFCLK by more than 500 ppm.
BYPASS
I
LVTTL
Used for production test. Set to VSS for normal operation.
CAP+/CAP-
I
Analog
External loop filter pins. The loop filter capacitor should be
connected to these pins. The capacitor value should be 1.0uF +10%
tolerance.
VDD
+3.3V
+3.3V Power Supply for low speed I/O’s and on-chip digital CMOS
blocks.
VSS
GND
Ground pin for low speed I/O’s and on-chip digital CMOS blocks
VDDA
+3.3V
+3.3V Power Supply for high speed I/O’s and on-chip PLL blocks.
VSSA
GND
Ground pins for high speed I/O’s and on-chip PLL blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com