Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8115YA2 Datasheet(PDF) 6 Page - Vitesse Semiconductor Corporation

Part # VSC8115YA2
Description  STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8115YA2 Datasheet(HTML) 6 Page - Vitesse Semiconductor Corporation

Back Button VSC8115YA2 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 10Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8115
STS-12/STS-3 Multi Rate
Clock and Data Recovery Unit
Page 6
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
9/29/00
G52272-0, Rev. 1.1
Retimed Data and Clock Outputs AC Specification
As indicated in figure 3, it is recommended that the retimed data output be captured with the rising edge of
the clock output. Data valid time is larger for OC-3/STS-3 mode of operation than that of OC-12/STS-12. Data
valid time before the output clock’s rising edge is the available setup time (tsu) while the data valid time after
the clock’s rising edge is the available hold time (th).
Figure 3: Retimed Data and Clock Outputs Timing Diagram
Table 3: Retimed Data and Clock Outputs Timing
High Speed Outputs
The high speed output buffers, DATAOUT+/- and CLKOUT+/-, can be terminated as either LVDS or
LVPECL outputs. If used as LVDS outputs, the transmission lines should be routed with 100-ohm differential
impedance, and they need to be terminated at the receive end with a 100-ohm resistor across the differential
pair. If used as LVPECL outputs, the transmission line should be 50-ohm terminated with 50-ohm pull down
resistors near the receiving end.
Parameters
Description
STS-12 Operation
(622.08MHz)
STS-3 Operation
(155.52MHz)
tsu
Minimum Available Setup Time
450 pS
2.0 nS
th
Minimum Available Hold Time
650 pS
3.0 nS
tsu
th
DATAOUT+/-
CLKOUT+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com