Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8115YA2 Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part # VSC8115YA2
Description  STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8115YA2 Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

  VSC8115YA2 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 5
9/29/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8115
STS-12/STS-3 Multi Rate
Clock and Data Recovery Unit
G52272-0, Rev. 1.1
Jitter Tolerance
Jitter Tolerance is the ability of the Clock and Data Recovery Unit to track timing variation in the received
data stream. The Bellcore and ITU specifications allow the received optical data to contain jitter. The amount
that must be tolerated is a function of the frequency of the jitter. At high frequencies the specifications do not
require the VSC8115 to tolerate large amounts, whereas at low frequencies many unit intervals (bit times) of jit-
ter have to be tolerated. Jitter tolerance is defined as the ratio of jitter on the output OC-N/STS-N signal to the
jitter applied on the input OC-N/STSN signal versus frequency. The VSC8115 is designed to tolerate this jitter
with margin over the specification limits, see Figure 2. The VSC8115 obtains and maintains lock based on the
data transition information. When there is no transition on the data stream, the recovered clock frequency will
be held to within +500ppm of the reference clock. The VSC8115 can maintain lock over 1000 bits of no switch-
ing on data stream.
Figure 2: Input Jitter Tolerance Specification
Jitter Generation
Jitter generation is defined as the jitter of the serial clock and serial data outputs while rms jitter is presented
to the serial data inputs. Maximum jitter generation is 0.01 U.I. when rms jitter of less than 14ps (OC-12) or
56ps (OC-3) is presented to the serial data inputs.
10
30
300
25K
250K
15
1.5
0.15
JITTER FREQ(HZ)
JITTER(UI P-P)
2.5M
150
24
2.4
0.6
Bellcore Requirement
VSC8115 Typical
Jitter Tolerance
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com