Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8115YA2 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC8115YA2
Description  STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8115YA2 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC8115YA2 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 12Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8115
STS-12/STS-3 Multi Rate
Clock and Data Recovery Unit
Page 8
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
9/29/00
G52272-0, Rev. 1.1
Table 6: LVDS Differential Outputs
Table 7: LVPECL Differential Outputs
Table 8: LVTTL Inputs
Power Dissipation
Table 9: Power Supply Currents
Parameters
Description
Min
Typ
Max
Units
Conditions
VOCM
Common Mode
voltage
1.0
1.35
1.7
V
100
Ω PAD to
PADN
∆VOUT
Differential
Output Swing
350
500
750
mV
100
Ω PAD to
PADN
Parameters
Description
Min
Typ
Max
Units
Conditions
VOCM
Common Mode
voltage
1.12
-
2.0
V
50
Ω to (VDD - 2V)
∆VOUT
Differential
Output Swing
400
-
800
mV
50
Ω to (VDD - 2V)
Parameters
Description
Min
Typ
Max
Units
Conditions
VIH
Input HIGH voltage
2.0
—
VDD
V
—
VIL
Input LOW voltage
0
—
0.8
V
—
IIH
Input HIGH current
-50
---
50
µA
VIN = 2.7V, VDD=MAX
IIL
Input LOW current
-50
---
50
µA
VIN = 0.5V, VDD=MAX
Parameter
Description
(Typ)
(Max)
Units
IDD
Power supply current from VDD
57
80
mA
PD
Power dissipation
188.1
277
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com