Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8115YA2 Datasheet(PDF) 9 Page - Vitesse Semiconductor Corporation

Part # VSC8115YA2
Description  STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8115YA2 Datasheet(HTML) 9 Page - Vitesse Semiconductor Corporation

Back Button VSC8115YA2 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 12Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 9
9/29/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8115
STS-12/STS-3 Multi Rate
Clock and Data Recovery Unit
G52272-0, Rev. 1.1
Absolute Maximum Ratings(1)
Power Supply Voltage (VDD) Potential to GND.................................................................................-0.5V to +4V
DC Input Voltage (LVPECL Inputs)..................................................................................... -0.5V to VDD + 0.5V
DC Input Voltage (LVTTL Inputs) ....................................................................................... -0.5V to VDD + 0.5V
Output Current (LVDS or LVPECL Outputs).......................................................................................... +/-50mA
Case Temperature Under Bias.........................................................................................................-55o to +125oC
Storage Temperature .................................................................................................................... -65oC to +150oC
Maximum Input ESD (Human Body Model)
High Speed Outputs (pins 11, 12, 13, & 14) .................................................................................... 500V
All Other Pins ................................................................................................................................. 1500V
Note: Caution: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing
permanent damage. Functionality at or exceeding the values listed is not implied. Exposure to these values for extended
periods may affect device reliability.
Recommended Operating Conditions
Power Supply Voltage (VDD)................................................................................................................+3.3V%
Industrial Operating Ambient Temperature Range under Bias ......................................................... -40o to 85oC
Commercial Operating Ambient Temperature Range under Bias ....................................................... 0o to 70oC
Package Pin Descriptions
Figure 4: Pin Diagram
5
±
VDDA
DATAIN+
DATAIN-
VSSA
LOCKDET
STS12
REFCLK
LOCKREFN
VSS
VDD
VDDA
VSSA
CAP+
CAP-
BYPASS
SD
DATAOUT+
DATAOUT-
CLKOUT+
CLKOUT-
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com