Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8115YA2 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC8115YA2
Description  STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8115YA2 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC8115YA2 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8115YA2 Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 7
9/29/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8115
STS-12/STS-3 Multi Rate
Clock and Data Recovery Unit
G52272-0, Rev. 1.1
DC Characteristics
Table 4: LVPECL Single-ended Inputs and Outputs
Parameters
Description
Min
Typ
Max
Units
Conditions
VIH
Input HIGH voltage
VDD - 1.125
—
VDD - 0.5
V
Guaranteed Input HIGH
Voltage
VIL
Input LOW voltage
VDD - 2.0
—
VDD - 1.5
V
Guaranteed Input LOW
Voltage
IIH
Input HIGH current
-0.5
—
10
µA
VIN = VDD - 0.5V
IIL
Input LOW current
-0.5
—
10
µA
VIN = VDD - 2.0V
VOL
Output LOW voltage
VDD - 2.0
—
VDD - 1.8
V
50
Ω to (VDD - 2V)
VOH
Output HIGH voltage
VDD - 1.25
—
VDD - 0.67
V
50
Ω to (VDD - 2V)
Table 5: LVPECL Differential Inputs
Parameters
Description
Min
Typ
Max
Units
Conditions
VIH
Input HIGH
voltage
VDD - 1.75
—
VDD - 0.45
V
Guaranteed Input
HIGH Voltage
VIL
Input LOW
voltage
VDD - 2.0
—
VDD - 0.7
V
Guaranteed Input
LOW Voltage
∆VIN
Differential
Input Voltage
250
—
—
mV
—
IIH
Input HIGH
current
-0.5
—
10
µA
∆VIN = 0.5V
IIL
Input LOW
current
-0.5
—
10
µA
∆VIN = 0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com