Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6ED003L02-F2 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # 6ED003L02-F2
Description  High voltage gate driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

6ED003L02-F2 Datasheet(HTML) 5 Page - Infineon Technologies AG

  6ED003L02-F2 Datasheet HTML 1Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 2Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 3Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 4Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 5Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 6Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 7Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 8Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
EiceDRIVER™
6ED003L06-F2, 6ED003L02-F2
datasheet
5
<Revision 2.8>, 05.08.2016
EiceDRIVER™
3 phase 600 V gate drive IC
1
Overview
Main features
Thin-film-SOI-technology
Maximum blocking voltage +600V
Separate control circuits for all six drivers
CMOS and LSTTL compatible input (negative logic)
Signal interlocking of every phase to prevent cross-conduction
Detection of over current and under voltage supply
externally programmable delay for fault clear after over current
detection
Product highlights
Insensitivity of the bridge output to negative transient voltages up to -50V given by SOI-technology
'shut down' of all switches during error conditions
Typical applications
Home appliances
Fans, pumps
General purpose drives
Product family
Table 1
Members of 6ED family
– 2
nd generation
Sales Name
high side control input
HIN1,2,3 and LIN1,2,3
typ. UVLO-
Thresholds
Bootstrap
diode
Package
6ED003L06-F2 / 6ED003L02-F2
negative logic
11.7 V / 9.8 V
No
DSO28 / TSSOP28
Description
The devices are full bridge drivers to control power devices like MOS-transistors or IGBTs in 3-phase systems
with a maximum blocking voltage of +600 V. Based on the used SOI-technology there is an excellent
ruggedness on transient voltages. No parasitic thyristor structures are present in the device. Hence, no parasitic
latch-up may occur at all temperatures and voltage conditions.
The six independent drivers are controlled at the low-side using CMOS resp. LSTTL compatible signals, down
to 3.3 V logic. The device includes an under-voltage detection unit with hysteresis characteristic and an over-
current detection. The over-current level is adjusted by choosing the resistor value and the threshold level at pin
ITRIP. Both error conditions (under-voltage and over-current) lead to a definite shut down of all six switches. An
error signal is provided at the FAULT open drain output pin. The blocking time after over-current can be
adjusted with an RC-network at pin RCIN. The input RCIN owns an internal current source of 2.8 µA. Therefore,
the resistor RRCIN is optional. The typical output current can be given with 165 mA for pull-up and 375 mA for pull
down. Because of system safety reasons a 310 ns interlocking time has been realised. The function of input EN
can optionally be extended with an over-temperature detection, using an external NTC-resistor (see Fig.1).
PG-DSO28
PG-TSSOP28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com