Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6ED003L02-F2 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # 6ED003L02-F2
Description  High voltage gate driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

6ED003L02-F2 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button 6ED003L02-F2 Datasheet HTML 8Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 9Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 10Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 11Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 12Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 13Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 14Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 15Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
EiceDRIVER™
6ED003L06-F2, 6ED003L02-F2
datasheet
12
<Revision 2.8>, 05.08.2016
4.4
Static logic function table
VCC
VBS
RCIN
ITRIP
ENABLE
FAULT
LO1,2,3
HO1,2,3
<VCCUV–
X
X
X
X
0
0
0
15V
<VBSUV–
X
0
3.3 V
High imp
/LIN1,2,3
0
15V
15V
<3.2 V
0
3.3 V
0
0
0
15V
15V
X
> VIT,TH+
3.3 V
0
0
0
15V
15V
> VRCIN,TH
0
3.3 V
High imp
/LIN1,2,3
/HIN1,2,3
15V
15V
> VRCIN,TH
0
0
High imp
0
0
4.5
Static parameters
VCC = VBS = 15V unless otherwise specified. All parameters are valid for Ta=25 °C.
Table 6
Static parameters
Parameter
Symbol
Values
Unit
Test condition
Min.
Typ.
Max.
High level input voltage
VIH
1.7
2.1
2.4
V
Low level input voltage
VIL
0.7
0.9
1.1
EN positive going threshold
VEN,TH+
1.9
2.1
2.3
EN negative going threshold
VEN,TH-
1.1
1.3
1.5
ITRIP positive going threshold
VIT,TH+
380
445
510
mV
ITRIP input hysteresis
VIT,HYS
45
70
RCIN positive going threshold
VRCIN,TH
-
5.2
6.4
V
RCIN input hysteresis
VRCIN,HYS
-
2.0
-
Input clamp voltage
(/HIN, /LIN, EN, ITRIP)
VIN,CLMAP
9
10.3
12
IIN = 4mA
Input clamp voltage at high impedance
(/HIN, /LIN)
VIN,FLOAT
-
5.3
5.8
controller output
pin floating
High level output voltage
LO1,2,3
HO1,2,3
VOH
-
-
VCC -0.7
VB -0.7
VCC -1.4
VB -1.4
IO = 20mA
Low level output voltage
LO1,2,3
HO1,2,3
VOL
-
-
VCOM+
0.2
VS+ 0.2
VCOM+
0.6
VS + 0.6
IO = -20mA
VCC and VBS supply undervoltage positive
going threshold
VCCUV+
VBSUV+
11
11.7
12.5
VCC and VBS supply undervoltage negative
going threshold
VCCUV–
VBSUV–
9.5
9.8
10.8
V
VCC and VBS supply undervoltage lockout
hysteresis
VCCUVH
VBSUVH
1.2
1.9
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com