Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6ED003L02-F2 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # 6ED003L02-F2
Description  High voltage gate driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

6ED003L02-F2 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button 6ED003L02-F2 Datasheet HTML 9Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 10Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 11Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 12Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 13Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 14Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 15Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 16Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
EiceDRIVER™
6ED003L06-F2, 6ED003L02-F2
datasheet
13
<Revision 2.8>, 05.08.2016
Table 6
Static parameters
Parameter
Symbol
Values
Unit
Test condition
Min.
Typ.
Max.
High side leakage current betw. VS and VSS ILVS+
-
1
12.5
µA
VS = 600V
High side leakage current betw. VS and VSS ILVS+
1
-
10
-
TJ = 125°C,
VS = 600V
High side leakage current between VSx and
VSy (x=1,2,3 and y=1,2,3)
ILVS–
1
-
10
-
TJ = 125°C
VSx - VSy = 600V
Quiescent current VBS supply (VB only)
IQBS1
-
210
400
µA
HO=low
Quiescent current VBS supply (VB only)
IQBS2
-
210
400
HO=high
Quiescent current VCC supply (VCC only)
IQCC1
-
1.1
1.8
mA
VLIN=float.
Quiescent current VCC supply (VCC only)
IQCC2
-
1.3
2
VLIN=0, VHIN=3.3 V
Input bias current
ILIN+
-
70
100
µA
VLIN=3.3 V
Input bias current
ILIN-
-
110
200
µA
VLIN=0
Input bias current
IHIN+
-
70
100
VHIN=3.3 V
Input bias current
IHIN-
-
110
200
VHIN=0
Input bias current (ITRIP=high)
IITRIP+
45
120
VITRIP=3.3 V
Input bias current (EN=high)
IEN+
-
45
120
VENABLE=3.3 V
Input bias current RCIN (internal current
source)
IRCIN
2.8
VRCIN = 2 V
Mean output current for load capacity
charging in range from 3 V (20%) to 6 V
(40%)
IO+
120
165
-
mA
CL=10 nF
Peak output current turn on (single pulse)
IOpk+
1
240
RL = 0 , tp <10 µs
Mean output current for load capacity
discharging in range from 12 V (80%) to 9 V
(60%)
IO-
250
375
-
CL=10 nF
Peak output current turn off (single pulse)
IOpk-
1
420
RL = 0 , tp <10 µs
RCIN low on resistance of the pull down
transistor
Ron,RCIN
-
40
100
VRCIN=0.5 V
FAULT low on resistance of the pull down
transistor
Ron,FLT
-
45
100
VFAULT=0.5 V
1 Not subject of production test, verified by characterisation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com