Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6ED003L02-F2 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # 6ED003L02-F2
Description  High voltage gate driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

6ED003L02-F2 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button 6ED003L02-F2 Datasheet HTML 3Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 4Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 5Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 6Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 7Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 8Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 9Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 10Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
EiceDRIVER™
6ED003L06-F2, 6ED003L02-F2
datasheet
7
<Revision 2.8>, 05.08.2016
3
Pin configuration, description, and functionality
Figure 3
Pin Configuration of 6ED003L06-F2 and 6ED003L02-F2
Table 2
Pin Description
Symbol
Description
VCC
Low side power supply
VSS
Logic ground
/HIN1,2,3
High side logic input
/LIN1,2,3
Low side logic input
/FAULT
Indicates over-current and under-voltage (negative logic, open-drain output)
EN
Enable I/O functionality (positive logic)
ITRIP
Analog input for over-current shut down, activates FAULT and RCIN to VSS
RCIN
External RC-network to define FAULT clear delay after FAULT-Signal (TFLTCLR)
COM
Low side gate driver reference
VB1,2,3
High side positive power supply
HO1,2,3
High side gate driver output
VS1,2,3
High side negative power supply
LO1,2,3
Low side gate driver output
nc
Not connected
3.1
Low Side and High Side Control Pins (Pin 2, 3, 4, 5, 6, 7)
The Schmitt trigger input threshold of them are such to guarantee LSTTL and CMOS compatibility down to 3.3 V
controller outputs. Input Schmitt trigger and noise filter provide beneficial noise rejection to short input pulses
according to Figure 4 and Figure 5.
Figure 4
Input pin structure
VCC
1
28
VB1
HIN1
2
27
HO1
HIN2
3
26
VS1
HIN3
4
25
LIN1
5
24
VB2
LIN2
6
23
HO2
LIN3
7
22
VS2
FAULT
8
21
ITRIP
9
20
VB3
EN
10
19
HO3
RCIN
11
18
VS3
VSS
12
17
COM
13
16
LO1
LO3
14
15
LO2
nc
nc
nc
UZ=10.5V
INPUT NOISE
FILTER
Vcc
Schmitt-Trigger
SWITCH LEVEL
VIH; VIL
LINx
HINx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com