Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6ED003L02-F2 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # 6ED003L02-F2
Description  High voltage gate driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

6ED003L02-F2 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button 6ED003L02-F2 Datasheet HTML 4Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 5Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 6Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 7Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 8Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 9Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 10Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 11Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
EiceDRIVER™
6ED003L06-F2, 6ED003L02-F2
datasheet
8
<Revision 2.8>, 05.08.2016
An internal pull-up of about 75 k
 (negative logic) pre-biases the input during supply start-up and a ESD zener
clamp is provided for pin protection purposes. The zener diodes are therefore designed for single pulse stress
only and not for continuous voltage stress over 10V.
Figure 5
Input filter timing diagram
It is anyway recommended for proper work of the driver not to provide input pulse-width lower than 1 µs.
The 6ED-F2 driver IC provide additionally a shoot through prevention capability which avoids the simultaneous
on-state of two channels of the same leg (i.e. HO1 and LO1, HO2 and LO2, HO3 and LO3). When two inputs of
a same leg are activated, only one leg output is activated, so that the leg is kept steadily in a safe state.
A minimum dead time insertion of typ. 310 ns is also provided, in order to reduce cross-conduction of the
external power switches.
3.2
EN (Gate Driver Enable, Pin 10)
The signal applied to pin EN controls directly the output stages. All outputs are set to LOW, if EN is at LOW
logic level. The internal structure of the pin is given in Figure 6. The switching levels of the Schmitt-Trigger are
here VEN,TH+ = 2.1 V and VEN,TH- = 1.3 V. The typical propagation delay time is tEN = 780 ns. There is an internal
pull down resistor (75 k
), which keeps the gate outputs off in case of broken PCB connection.
Figure 6
EN pin structures
3.3
/FAULT (Fault Feedback, Pin 8)
/Fault pin is an active low open-drain output indicating the status of the gate driver (see Figure 7). The pin is
active (i.e. forces LOW voltage level) when one of the following conditions occur:
Under-voltage condition of VCC supply: In this case the fault condition is released as soon as the
supply voltage condition returns in the normal operation range (please refer to VCC pin description for
more details).
Over-current detection (ITRIP): The fault condition is latched until current trip condition is finished and
RCIN input is released (please refer to ITRIP pin).
Figure 7
/FAULT pin structures
LIN
HIN
HIN
LIN
HO
LO
high
low
on
off
on
tFILIN
tFILIN
off
on
off
LO
HO
VZ= 10.5 V
INPUT NOISE
FILTER
EN
IEN+, IEN-
VEN,TH+,
VEN,TH-
6ED family
– 2nd generation
FAULT
>1
from uv-detection
VCC
RON,FLT
VDD
from ITRIP-Latch
6ED family
–
2nd generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com