Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6ED003L02-F2 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # 6ED003L02-F2
Description  High voltage gate driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

6ED003L02-F2 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button 6ED003L02-F2 Datasheet HTML 7Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 8Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 9Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 10Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 11Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 12Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 13Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 14Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
EiceDRIVER™
6ED003L06-F2, 6ED003L02-F2
datasheet
11
<Revision 2.8>, 05.08.2016
4.2
Required operation conditions
All voltages are absolute voltages referenced to VSS -potential unless otherwise specified. All parameters are
valid for Ta=25 °C.
Table 4
Required Operation Conditions
Parameter
Symbol
Min.
Max.
Unit
High side offset voltage (Note 1)
DSO28
TSSOP28
VB
7
620
200
V
Low side supply voltage (VCC vs. VCOM)
DSO28
TSSOP28
VCCOM
10
25
4.3
Operating Range
All voltages are absolute voltages referenced to VSS -potential unless otherwise specified. (Ta = 25°C)
Table 5
Operating range
Parameter
Symbol
Min.
Max.
Unit
High side floating supply offset voltage
VS
VCC -
VBS -1
500
V
High side floating supply offset voltage (VB vs. VCC, statically)
VBCC
-1.0
500
High side floating supply voltage (VB vs. VS, Note 1)
VBS
13
17.5
High side output voltage (VHO vs. VS)
VHO
0
VBS
Low side output voltage (VLO vs. VCOM)
VLO
0
VCC
Low side supply voltage
VCC
13
17.5
Low side ground voltage
VCOM
-2.5
2.5
Logic input voltages /LIN, /HIN, EN, ITRIP (Note 2)
VIN
0
5
FAULT output voltage
VFLT
0
VCC
RCIN input voltage
VRCIN
0
VCC
Pulse width for ON or OFF (Note 3)
tIN
1
–
µs
Ambient temperature
Ta
-40
105
°C
Note 1 : Logic operational for VB (VB vs. VSS) > 7,0V
Note 2 : All input pins (/HINx, /LINx) and EN, ITRIP pin are internally clamped (see abs. maximum ratings)
Note 3 : In case of input pulse width at /LINx and /HINx below 1µs the input pulse may not be transmitted properly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com