Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6ED003L02-F2 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # 6ED003L02-F2
Description  High voltage gate driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

6ED003L02-F2 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button 6ED003L02-F2 Datasheet HTML 6Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 7Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 8Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 9Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 10Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 11Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 12Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 13Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
EiceDRIVER™
6ED003L06-F2, 6ED003L02-F2
datasheet
10
<Revision 2.8>, 05.08.2016
4
Electrical Parameters
4.1
Absolute Maximum Ratings
All voltages are absolute voltages referenced to VSS -potential unless otherwise specified. All parameters are
valid for Ta=25 °C.
Table 3
Abs. maximum ratings
Parameter
Symbol
Min.
Max.
Unit
High side offset voltage(Note 1)
DSO28
TSSOP28
VS
VCC-VBS-6
600
180
V
High side offset voltage (tp<500ns, Note 1)
VCC -VBS – 50 –
High side offset voltage(Note 1)
DSO28
TSSOP28
VB
VCC – 6
620
200
High side offset voltage (tp<500ns, Note 1)
VCC – 50
–
High side floating supply voltage (VB vs. VS) (internally clamped)
VBS
-1
20
High side output voltage (VHO vs. VS)
VHO
-0.5
VB + 0.5
Low side supply voltage (internally clamped)
VCC
-1
20
Low side supply voltage (VCC vs. VCOM)
VCCOM
-0.5
25
Gate driver ground
VCOM
-5.7
5.7
Low side output voltage (VLO vs. VCOM)
VLO
-0.5
VCCOM + 0.5
Input voltage /LIN, /HIN, EN, ITRIP
VIN
-1
10
FAULT output voltage
VFLT
-0.5
VCC + 0.5
RCIN output voltage
VRCIN
-0.5
VCC + 0.5
Power dissipation (to package) Note 2
DSO28
TSSOP28
PD
–
–
1.3
0.6
W
Thermal resistance
DSO28
(junction to ambient, see section 6)
TSSOP28
Rth(j-a)
–
–
75
165
K/W
Junction temperature
TJ
–
125
°C
Storage temperature
TS
- 40
150
offset voltage slew rate (Note 3)
dVS/dt
50
V/ns
Note :The value for ESD immunity is 1.0kV (Human Body Model). ESD immunity for pins inside the low side (i.e. VCC, /HINx, /LINx, FAULT,
EN, RCIN, ITRIP, VSS, COM, LOx) and ESD immunity for pins inside each high side itself (i.e. VBx, HOx, VSx) is guaranteed up to 1.5kV
(Human Body Model).
Note 1 : Insensitivity of bridge output to negative transient voltage up to
–50V is not subject to production test – verified by design /
characterization. External bootstrap diode is mandatory. Refer to application note.
Note 2: Consistent power dissipation of all outputs. All parameters inside operating range.
Note 3: Not subject of production test, verified by characterisation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com