Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6ED003L02-F2 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # 6ED003L02-F2
Description  High voltage gate driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

6ED003L02-F2 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button 6ED003L02-F2 Datasheet HTML 12Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 13Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 14Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 15Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 16Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 17Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 18Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 19Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 20Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
EiceDRIVER™
6ED003L06-F2, 6ED003L02-F2
datasheet
18
<Revision 2.8>, 05.08.2016
6
Package
6.1
PG-DSO-28
Figure 15
Package drawing
Dimensions
80.0
 80.0  1.5 mm³
therm [W/mK]
Material
FR4
0.3
Metal (Copper)
70µm
388
Figure 16
PCB reference layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com