Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A1-AI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT91SAM7A1-AI
Description  ARM7TDMI BASED MICROCONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A1-AI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT91SAM7A1-AI Datasheet HTML 4Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 5Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 6Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 11Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
PRELIMINARY
AT91SAM7A1 Summary
6048AS–ATARM–07/04
fast interrupt request input, the FIQ. The nIRQ line can be asserted by the interrupts
generated by the on-chip peripherals and the external interrupt request line, IRQ0. An 8-
level priority encoder allows the customer to define the priority between the different
nIRQ interrupt sources. Internal sources are programmed to be level sensitive or edge
triggered. External sources can be programmed to be positive or negative edge trig-
gered or high or low level sensitive.
Parallel I/O Controller
(PIO)
The AT91SAM7A1 has 49 configurable I/O lines. Thirty-two pins (unified PIO) on the
AT91SAM7A1 are dedicated as general purpose I/O pins (UPIO0 - UPIO31). Other I/O
lines are multiplexed with an external signal of a peripheral to optimize the use of avail-
able package pins. The unified PIO pins are controlled by a dedicated module; the
others pins are configured in each module.
Peripheral Data
Controller (PDC)
An on-chip, 11-channel Peripheral Data Controller (PDC) transfers data between the on-
chip peripherals and the on- and off-chip memories without processor intervention. One
PDC channel is connected to the receiving channel and one to the transmitting channel
of each USART and of the SPI. A single PDC channel is connected to each ADC and
each Capture.
Most importantly, the PDC removes the processor interrupt handling overhead and sig-
nificantly reduces the number of clock cycles required for a data transfer. It can transfer
up to 64 Kbytes without reprogramming the starting address. As a result, the perfor-
mance of the microcontroller is increased and the power consumption reduced.
Universal
Synchronous/
Asynchronous
Receiver/Transmitter
(USART)
The AT91SAM7A1 provides three identical, full-duplex Universal Synchronous/Asyn-
chronous Receiver/Transmitters that are connected to the Peripheral Data Controller.
The main features are:
•
Programmable Baud Rate Generator
•
Parity, framing and overrun error detection
•
Line break generation and detection
•
Automatic echo, local & remote loopback modes
•
Multi-drop mode: address detection and generation
•
Interrupt generation
•
Two Dedicated Peripheral Data Controller channels
•
5-, 6-, 7-, 8- and 9-bit character length
•
Idle flag for J1587 protocol.
•
Smart card transmission error feature
•
Support LIN 1.2 protocol with H/W layer
Serial Peripheral
Interface (SPI)
The AT91SAM7A1 features an SPI that provides communication with external devices
in master or slave mode. The SPI has four external chip selects that can be connected
to up to 15 devices. The data length is programmable from 8-bit to 16-bit.
As for the USART, a two-channel PDC is used to move data directly between memory
and the SPI without CPU intervention for maximum real-time processing throughput.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com