Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A1-AI Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT91SAM7A1-AI
Description  ARM7TDMI BASED MICROCONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A1-AI Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT91SAM7A1-AI Datasheet HTML 6Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 11Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 12Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 13Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
PRELIMINARY
AT91SAM7A1 Summary
6048AS–ATARM–07/04
Special Function
Module (SFM)
The AT91SAM7A1 provides registers which implement the following special functions:
•
Chip identification
•
RESET status
Analog-to-digital
Converter (ADC)
The 8-channel, 10-bit Analog-to-Digital Converter (ADC) is based on a Successive
Approximation Register (SAR) approach. The ADC has eight analog input pins,
ANA0IN0 to ANA0IN7, and provides an interrupt signal to the AIC. The ADC has two
dedicated analog power supply pins, VDDANA and GND, and the input reference volt-
age pin, VREFP. Each channel can be enabled or disabled independently, and has its
own data register. The ADC can be configured to automatically enter Sleep Mode after a
conversion sequence, and can be triggered by the software. The ADC allows a data
transfer with the PDC.
Power Management
Controller (PMC)
The AT91SAM7A1 Power Management Controller allows optimization of power con-
sumption. The PMC enables/disables the clock inputs of PDC and ARM core. Moreover,
the main oscillator, the PLL and the analog peripherals can be put in standby mode,
allowing minimum power consumption to be obtained. The PMC provides the following
operating modes:
•
Normal: Clock generator provides clock to chip
•
Wait mode: ARM core clock is deactivated
•
Slow mode: clock generator is deactivated, the system is clocked at 32.768 kHz
Each peripheral clock can be independently stopped or started directly in the peripheral
to further reduce power consumption in Normal, Wait and Slow Modes.
ICE Debug Mode
ARM Standard Embedded In Circuit Emulation is supported via the ICE port. It is con-
nected to a host computer via an external ICE Interface. In ICE Debug Mode, the ARM
core responds with a non-JTAG chip ID which identifies the core to the ICE system. This
is not JTAG IEEE 1149.1 compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com