Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A1-AI Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT91SAM7A1-AI
Description  ARM7TDMI BASED MICROCONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A1-AI Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT91SAM7A1-AI Datasheet HTML 6Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 11Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 12Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 13Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
PRELIMINARY
AT91SAM7A1 Summary
6048AS–ATARM–07/04
Soldering Profile
Table 4 gives the recommended soldering profile from J-STD-20.
Small packages may be subject to higher temperatures if they are reflowed in boards
with larger components. In this case, small packages may have to withstand tempera-
tures of up to 235
°C, not 220°C (IR reflow).
Recommended package reflow conditions depend on package thickness and volume.
See Table 5.
Notes:
1. The packages are qualified by Atmel by using IR reflow conditions, not convection or
VPR.
2. By default, the package level 1 is qualified at 220
°C (unless 235°C is stipulated).
3. The body temperature is the most important parameter but other profile parameters
such as total exposure time to hot temperature or heating rate may also influence
component reliability.
A maximum of three reflow passes is allowed per component.
Table 4. Soldering Profile
Convection or
IR/Convection
VPR
Average Ramp-up Rate (183
°C to Peak)
3
°C/sec. max.
10
°C/sec.
Preheat Temperature 125
°C ±25°C
120 sec. max
Temperature Maintained Above 183
°C
60 sec. to 150 sec.
Time within 5
°C of Actual Peak
Temperature
10 sec. to 20 sec.
60 sec.
Peak Temperature Range
220 +5/-0
°C or
235 +5/-0
°C
215 to 219
°C or
235 +5/-0
°C
Ramp-down Rate
6
°C/sec.
10
°C/sec.
Time 25
°C to Peak Temperature
6 min. max
Table 5. Recommended Package Reflow Conditions(1, 2, 3)
Parameter
Temperature
Convection
220 +5/-0
°C
VPR
215 to 219
°C
IR/Convection
220 +5/-0
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com