Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A1-AI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT91SAM7A1-AI
Description  ARM7TDMI BASED MICROCONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A1-AI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT91SAM7A1-AI Datasheet HTML 1Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 2Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 3Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 4Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 5Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 6Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
PRELIMINARY
AT91SAM7A1 Summary
6048AS–ATARM–07/04
Block Diagram
Figure 1. AT91SAM7A1 Block Diagram
VDDIO
GND
NRESET
PWM0/MPIO
ADD[19:1]
ADD21/CS6
NWR0/NWE
NWR1
1/NUB
NCS[3:0]
D[15:0]
CAPT0/MPIO
PWM1/MPIO
PWM2/MPIO
PWM3/MPIO
PLLRC
CAPT1/MPIO
ADD20/CS7
ADD0/NLB
SPI
USART0
TC0
EBI
JTAG
Select
MCKI
MCKO
RTCKI
RTCKO
PIO
PIO
ST0
USART1
PIO
TC1
PIO
TC2
PIO
PWM
CH0
CH1
CH2
CH3
PIO
CORECLK
5V-compliant
Analog Supply
3V3 Supply
5V-compliant
CH0
CH1
ST1
CH0
CH1
MC
Osc
2 PDC
Channels
2 PDC
Channels
2 PDC
Channels
Advanced
Memory
Controller
Embedded
ICE
ARM7TDMI
Core
I/O Power
Supply
Core Power
Supply
Generic
Interrupt
Controller
Reset
11 Channel
PDC
Controller
Arbiter
ASB Controller
SFM
AMBATM Bridge
4 KB
Internal RAM
Watch Dog
Simple Timers
T0TIOA2/MPIO
T0TIOB2/MPIO
T0TCLK2/MPIO
T0TIOA1/MPIO
T0TIOB1/MPIO
T0TCLK1/MPIO
T0TIOA0/MPIO
T0TIOB0/MPIO
T0TCLK0/MPIO
RXD1/MPIO
TXD1/MPIO
SCK1/MPIO
RXD0/MPIO
TXD0/MPIO
SCK0/MPIO
SPCK/MPIO
MISO/MPIO
MOSI/MPIO
NPCS0/MPIO
NPCS1/MPIO
NPCS2/MPIO
NPCS3/MPIO
Timer GPT0
Analog
Power
Suppy
1 PDC
Channel
ADC0
8-channel
10-bit ADC
CAN0
Full Speed
16 Buffers
AT91SAM7A1
USART2
PIO
2 PDC
Channels
RXD2/MPIO
TXD2/MPIO
SCK2/MPIO
WT
UPIO
PIO
CH0
PIO
1 PDC Channel
Capture 1
CH0
PIO
1 PDC Channel
Capture 0
RT
Osc
PLL
64
Clock
Manager
4 - 8 MHz
PLLON
PLL x
MCK
32.768 MHz
LFCLK
NOE/NRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com