Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A1-AI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT91SAM7A1-AI
Description  ARM7TDMI BASED MICROCONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A1-AI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT91SAM7A1-AI Datasheet HTML 1Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 2Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 3Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 4Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 5Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 6Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
6048AS–ATARM–07/04
Features
• Aimed at Compute-intensive Embedded Control Applications in Automotive and
Industrial Sectors
• ARM7TDMI® ARM® Thumb® Processor Core
– High-performance 32-bit RISC
– High-density 16-bit Instruction Set (Thumb)
– Leader in MIPS/Watt
– Embedded ICE (In Circuit Emulation)
• 4 Kbytes Internal SRAM
• Fully-programmable External Bus Interface (EBI) through Advanced Memory Controller
(AMC)
– Maximum External Address Space of 16 Mbytes, Up to 6 Chip Select Lines
• 8-level Priority Generic Interrupt Controller (GIC)
– Two External Interrupts including One Fast Interrupt Line
• Eleven-channel Peripheral Data Controller (PDC)
• 49 Programmable I/O Lines
• One 3-channel 16-bit General Purpose Timer (GPT)
– Three Configurable Modes: Counter, PWM, Capture
– Three Multi-purpose I/O Pins Per Channel
• Four 16-bit Simple Timers (ST)
• Four-channel 16-bit Pulse Width Modulation (PWM)
• Two 16-bit Capture Modules (CAPT)
• One CAN Controller 2.0A and 2.0B Full CAN (16 Buffers)
• Three USARTs
– Support for J1587 and LIN Protocols
• Master SPI Interface
– 8-bit to 16-bit Programmable Data Length
– Four External Serial Peripheral Chip Select Lines
• One 8-Channel 10-bit Analog-to-digital Converter (ADC)
• Programmable Watch Timer (WT)
• Programmable Watchdog (WD)
• Power Management Controller (PMC)
– 32 kHz, Main Oscillator, PLL
• Fully Static Operation: 0 Hz to 40 MHz
– 3.0V to 3.6V Core, Memory and Analog Voltage Range
– 3.0 V to 5.5V Compliant I/Os
– -40° to +85°C Operating Temperature Range
• Available in a 144-pin TQFP Package
ARM7TDMI
®-
based
Microcontroller
AT91SAM7A1
Summary
PRELIMINARY
Note: This is a summary document. A complete document
is not available at this time. For more information, please
contact your local Atmel sales office.


Similar Part No. - AT91SAM7A1-AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A1-AU ATMEL-AT91SAM7A1-AU Datasheet
289Kb / 17P
AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91SAM7A1-AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
ARM7TDMI??based Microcontroller
logo
Winbond
W90N740 WINBOND-W90N740 Datasheet
414Kb / 39P
32-Bit ARM7TDMI-Based Micro-Controller
W90P710CD WINBOND-W90P710CD Datasheet
3Mb / 552P
32-BIT ARM7TDMI-BASED MCU
logo
ATMEL Corporation
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
ARM920T based Microcontroller
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
ARM920T-based Microcontroller
logo
Winbond
W90N740CD WINBOND-W90N740CD Datasheet
1Mb / 198P
32-BIT ARM7TDMI-BASED MICRO-CONTROLLER
logo
ATMEL Corporation
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
ARM-Based Microcontroller
logo
List of Unclassifed Man...
NUC745 ETC2-NUC745 Datasheet
8Mb / 420P
32-BIT ARM7TDMI-BASED MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com