Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A1-AI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT91SAM7A1-AI
Description  ARM7TDMI BASED MICROCONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A1-AI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT91SAM7A1-AI Datasheet HTML 5Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 6Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 11Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 12Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
PRELIMINARY
AT91SAM7A1 Summary
6048AS–ATARM–07/04
Controller Area
Network (CAN)
The AT91SAM7A1 provides one CAN (2.0A and 2.0B). These are serial communica-
tions protocols that efficiently support distributed real-time control with a very high level
of security (16 mailboxes). The main features are:
•
Prioritization of messages
•Multi-master
•
System wide data consistency
•
Error detection and error signaling
•
Automatic retransmission of corrupted messages
•
Automatic reply after receive a remote frame
•
Time stamp on each transfer
•
Multicast reception with time synchronization
•
Continuous reception mode
General-purpose
Timer (GPT)
The AT91SAM7A1 features three general-purpose timers. Each timer can be indepen-
dently programmed to perform a wide range of functions including frequency
measurement, event counting, interval measurement, pulse generation, delay timing
and pulse width modulation.
Each general-purpose timer has one external clock input, five internal clock inputs, and
three multi-purpose input/output signals that can be configured by the user. Each timer
drives an internal interrupt signal that can be programmed to generate processor inter-
rupts via the GIC (Generic Interrupt Controller).
Three general-purpose timers are grouped in the same block. This block has two global
registers that act upon all three GPTs. The Block Control Register allows the three tim-
ers to be started simultaneously with the same instruction. The Block Mode Register
defines the external clock inputs for each timer, allowing them to be chained.
Simple Timer (ST)
Simple Timers provide basic functions for timing calculation. Each channel of this timer
has a specific prescalar and a 16-bit counter. The prescalar defines the clock frequency
of the channel counter. The 16-bit counter starts down-counting when a value different
to zero is loaded. An interrupt is generated when the counter is null.
Capture Module
(CAPT)
The capture module is a frame analyzer. It stores the period of time between two edges
of a signal in a register. This period is described as a number of counter cycles. The
capture allows data transfers with the PDC.
Pulse Width
Modulator (PWM)
The AT91SAM7A1 includes four PWM channels. Each channel can generate pulses.
The frequency and the duty cycle of each channel can be configured.
Watch Timer (WT)
The watch timer provides a seconds counter and an alarm function. The alarm register
has a resolution of 30.5 µs. This allows a 32-bit register to have sufficient range to cater
for a 24 or 36 hour period.
Watchdog (WD)
The AT91SAM7A1 has an internal watchdog that can be used to prevent system lock-up
if the software becomes trapped in a deadlock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com