Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A1-AI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT91SAM7A1-AI
Description  ARM7TDMI BASED MICROCONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A1-AI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT91SAM7A1-AI Datasheet HTML 3Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 4Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 5Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 6Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
PRELIMINARY
AT91SAM7A1 Summary
6048AS–ATARM–07/04
Architectural
Overview
The AT91SAM7A1 architecture consists of two main buses, the Advanced System Bus
(ASB) and the Advanced Peripheral Bus (APB). The ASB is designed for maximum per-
formance. It interfaces the processor with the on-chip 32-bit memories and the external
memories and devices by means of the External Bus Interface (EBI). The APB is
designed for accesses to on-chip peripherals and is optimized for low power consump-
tion. The AMBA Bridge provides an interface between the ASB and the APB.
The AT91SAM7A1 peripherals are designed to be programmed with a minimum number
of instructions. Each peripheral has a 16 Kbyte address space allocated in the upper
1 Mbytes of the 4 Gbyte address space. Except for the interrupt controller, the periph-
eral base address is the lowest address of its memory space. The peripheral register set
is composed of control, mode, data, status and interrupt registers. To maximize the effi-
ciency of bit manipulation, frequently-written registers are mapped into three memory
locations. The first address is used to set the individual register bits, the second resets
the bits and the third address reads the value stored in the register. A bit can be set or
reset by writing a one to the corresponding position at the appropriate address. Writing a
zero has no effect. Individual bits can thus be modified without having to use costly
read-modify-write and complex bit manipulation instructions.
The ARM7TDMI processor operates in little-endian mode in the AT91SAM7A1 micro-
controller. The processor's internal architecture and the ARM and Thumb instruction
sets are described in the ARM7TDMI datasheet. The ARM Standard In-Circuit-Emula-
tion debug interface is supported via the ICE port of the AT91SAM7A1 microcontroller
(This is not a standard IEEE 1149.1 JTAG Boundary Scan interface).
Advanced Memory
Controller (AMC)
The AT91SAM7A1 embeds 4 Kbytes of internal SRAM. The internal memory is directly
connected to the 32-bit data bus and is single-cycle accessible. This provides maximum
performance of 36 MIPS @ 40 MHz by using the ARM instruction set of the processor,
minimizing system power consumption and improving on the performance of separate
memory solutions.
External Bus
Interface (EBI)
The EBI generates the signals that control the accesses to the external memories or
peripheral devices. The EBI is fully programmable and can address up to 6 Mbytes. It
has four chip selects and a 21-bit address bus, the upper bit of which is multiplexed with
a chip select. Separate read and write control signals allow for direct memory and
peripheral interfacing. The EBI supports different access protocols, allowing single clock
cycle memory accesses. The main features are:
•
External Memory Mapping
•
Up to 4 chip select lines
•
Byte write or byte select lines
•
8-bit or 16-bit data bus
•
External wait
•
Remap of boot memory
•
Two different read protocols
•
Programmable wait state generation
Generic Interrupt
Controller (GIC)
The AT91SAM7A1 has an 8-level priority, individually maskable, vectored interrupt con-
troller. This feature substantially reduces the software and real time overhead in
handling internal and external interrupts. The interrupt controller is connected to the
nFIQ (fast interrupt request) and the nIRQ (standard interrupt request) inputs of the
ARM7TDMI processor. The processor's nFIQ line can only be asserted by the external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com