Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A1-AI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT91SAM7A1-AI
Description  ARM7TDMI BASED MICROCONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A1-AI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT91SAM7A1-AI Datasheet HTML 6Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 11Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 12Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 13Page - ATMEL Corporation AT91SAM7A1-AI Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
PRELIMINARY
AT91SAM7A1 Summary
6048AS–ATARM–07/04
Packaging Information
Figure 2. 144-lead TQFP Package Mechanical Drawing
Table 3. Package Dimensions in mm
Symbol
Min
Nom
Max
Symbol
Min
Nom
Max
A
1.60
c
0.09
0.20
A1
0.05
0.15
L
0.45
0.60
0.75
A2
1.35
1.40
1.45
L1
1.00 REF
D
22.00 BSC
S
0.20
D1
20.00 BSC
b
0.17
0.20
0.27
E
22.00 BSC
e
0.50 BSC
E1
20.00 BSC
D2
17.50
R2
0.08
0.20
E2
17.50
R1
0.08
Tolerances of form and position
Θ
0
°
3.5
°
7
°
aaa
0.20
Θ10°
bbb
0.20
Θ211°
12
°
13
°
ccc
0.08
Θ311°
12
°
13
°
ddd
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com