Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C652 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SC16C652
Description  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SC16C652 Datasheet HTML 2Page - NXP Semiconductors SC16C652 Datasheet HTML 3Page - NXP Semiconductors SC16C652 Datasheet HTML 4Page - NXP Semiconductors SC16C652 Datasheet HTML 5Page - NXP Semiconductors SC16C652 Datasheet HTML 6Page - NXP Semiconductors SC16C652 Datasheet HTML 7Page - NXP Semiconductors SC16C652 Datasheet HTML 8Page - NXP Semiconductors SC16C652 Datasheet HTML 9Page - NXP Semiconductors SC16C652 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Philips Semiconductors
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Product data
Rev. 04 — 20 June 2003
6 of 41
9397 750 11634
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
CTSA,
CTSB
38, 23
I
Clear to Send (Active-LOW). These inputs are associated with individual UART
channels, A through B. A logic 0 on the CTS pin indicates the modem or data set is ready
to accept transmit data from the SC16C652. Status can be tested by reading MSR[4].
This pin has no effect on the UART’s transmit or receive operation.
DSRA,
DSRB
39, 20
I
Data Set Ready (Active-LOW). These inputs are associated with individual UART
channels, A through B. A logic 0 on this pin indicates the modem or data set is
powered-on and is ready for data exchange with the UART. This pin has no effect on the
UART’s transmit or receive operation.
DTRA,
DTRB
34, 35
O
Data Terminal Ready (Active-LOW). These outputs are associated with individual UART
channels, A through B. A logic 0 on this pin indicates that the SC16C652 is powered-on
and ready. This pin can be controlled via the modem control register. Writing a logic 1 to
MCR[0] will set the DTR output to logic 0, enabling the modem. This pin will be a logic 1
after writing a logic 0 to MCR[0], or after a reset. This pin has no effect on the UART’s
transmit or receive operation.
RIA, RIB
41, 21
I
Ring Indicator (Active-LOW). These inputs are associated with individual UART
channels, A through B. A logic 0 on this pin indicates the modem has received a ringing
signal from the telephone line. A logic 1 transition on this input pin will generate an
interrupt.
RTSA,
RTSB
33, 22
O
Request to Send (Active-LOW). These outputs are associated with individual UART
channels, A through B. A logic 0 on the RTS pin indicates the transmitter has data ready
and waiting to send. Writing a logic 1 in the modem control register MCR[1] will set this
pin to a logic 0, indicating data is available. After a reset this pin will be set to a logic 1.
This pin has no effect on the UART’s transmit or receive operation.
RXA, RXB
5, 4
I
Receive data A, B. These inputs are associated with individual serial channel data to the
SC16C652 receive input circuits, A-B. The RX signal will be a logic 1 during reset, idle
(no data), or when the transmitter is disabled. During the local loop-back mode, the RX
input pin is disabled and TX data is connected to the UART RX input, internally.
TXA, TXB
7, 8
O
Transmit data A, B. These outputs are associated with individual serial transmit channel
data from the SC16C652. The TX signal will be a logic 1 during reset, idle (no data), or
when the transmitter is disabled. During the local loop-back mode, the TX output pin is
disabled and TX data is internally connected to the UART RX input.
Table 2:
Pin description…continued
Symbol
Pin
Type
Description
LQFP48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com