Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C652 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SC16C652
Description  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SC16C652 Datasheet HTML 18Page - NXP Semiconductors SC16C652 Datasheet HTML 19Page - NXP Semiconductors SC16C652 Datasheet HTML 20Page - NXP Semiconductors SC16C652 Datasheet HTML 21Page - NXP Semiconductors SC16C652 Datasheet HTML 22Page - NXP Semiconductors SC16C652 Datasheet HTML 23Page - NXP Semiconductors SC16C652 Datasheet HTML 24Page - NXP Semiconductors SC16C652 Datasheet HTML 25Page - NXP Semiconductors SC16C652 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Philips Semiconductors
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Product data
Rev. 04 — 20 June 2003
22 of 41
9397 750 11634
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.6 Modem Control Register (MCR)
This register controls the interface with the modem or a peripheral device.
Table 20:
Modem Control Register bits description
Bit
Symbol
Description
7
MCR[7]
Clock select
Logic 0 = Divide by 1 clock input.
Logic 1 = Divide by 4 clock input.
6
MCR[6]
Reserved; set to ‘0’.
5
MCR[5]
Reserved; set to ‘0’.
4
MCR[4]
Loop-back. Enable the local loop-back mode (diagnostics). In this
mode the transmitter output (TX) and the receiver input (RX), CTS,
DSR, CD, and RI are disconnected from the SC16C652 I/O pins.
Internally the modem data and control pins are connected into a
loop-back data configuration (see Figure 4). In this mode, the receiver
and transmitter interrupts remain fully operational. The Modem
Control Interrupts are also operational, but the interrupts’ sources are
switched to the lower four bits of the Modem Control. Interrupts
continue to be controlled by the IER register.
Logic 0 = Disable loop-back mode (normal default condition).
Logic 1 = Enable local loop-back mode (diagnostics).
3
MCR[3]
OP2/INT enable
Logic0=Forces INT (A-B) outputs to the 3-State mode and sets
OP2 to a logic 1 (normal default condition).
Logic1=Forces the INT (A-B outputs to the active mode and sets
OP2 to a logic 0.
2
MCR[2]
(OP1). OP1A/OP1B are not available as an external signal in the
SC16C652. This bit is instead used in the Loop-back mode only. In
the loop-back mode, this bit is used to write the state of the modem RI
interface signal.
1
MCR[1]
RTS
Logic 0 = Force RTS output to a logic 1 (normal default condition).
Logic1=Force RTS output to a logic 0.
0
MCR[0]
DTR
Logic 0 = Force DTR output to a logic 1 (normal default condition).
Logic1=Force DTR output to a logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com