Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C652 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC16C652
Description  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC16C652 Datasheet HTML 17Page - NXP Semiconductors SC16C652 Datasheet HTML 18Page - NXP Semiconductors SC16C652 Datasheet HTML 19Page - NXP Semiconductors SC16C652 Datasheet HTML 20Page - NXP Semiconductors SC16C652 Datasheet HTML 21Page - NXP Semiconductors SC16C652 Datasheet HTML 22Page - NXP Semiconductors SC16C652 Datasheet HTML 23Page - NXP Semiconductors SC16C652 Datasheet HTML 24Page - NXP Semiconductors SC16C652 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Philips Semiconductors
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Product data
Rev. 04 — 20 June 2003
21 of 41
9397 750 11634
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.5 Line Control Register (LCR)
The Line Control Register is used to specify the asynchronous data communication
format. The word length, the number of stop bits, and the parity are selected by
writing the appropriate bits in this register.
Table 16:
Line Control Register bits description
Bit
Symbol
Description
7
LCR[7]
Divisor latch enable. The internal baud rate counter latch and
Enhance Feature mode enable.
Logic 0 = Divisor latch disabled (normal default condition).
Logic 1 = Divisor latch enabled.
6
LCR[6]
Set break. When enabled, the Break control bit causes a break
condition to be transmitted (the TX output is forced to a logic 0
state). This condition exists until disabled by setting LCR[6] to a
logic 0.
Logic 0 = no TX break condition (normal default condition)
Logic1=forces the transmitter output (TX) to a logic 0 for
alerting the remote receiver to a line break condition.
5-3
LCR[5-3]
Programs the parity conditions (see Table 17).
2
LCR[2]
Stop bits. The length of stop bit is specified by this bit in
conjunction with the programmed word length (see Table 18).
Logic 0 or cleared = default condition.
1-0
LCR[1-0]
Word length bits 1, 0. These two bits specify the word length to be
transmitted or received (see Table 19).
Logic 0 or cleared = default condition.
Table 17:
LCR[5-3] parity selection
LCR[5]
LCR[4]
LCR[3]
Parity selection
X
X
0
no parity
X
0
1
ODD parity
0
1
1
EVEN parity
001forced parity ‘1’
111forced parity ‘0’
Table 18:
LCR[2] stop bit length
LCR[2]
Word length
Stop bit length (bit times)
0
5, 6, 7, 8
1
15
1-1
2
1
6, 7, 8
2
Table 19:
LCR[1-0] word length
LCR[1]
LCR[0]
Word length
005
016
107
118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com