Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C652 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC16C652
Description  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652 Datasheet(HTML) 1 Page - NXP Semiconductors

  SC16C652 Datasheet HTML 1Page - NXP Semiconductors SC16C652 Datasheet HTML 2Page - NXP Semiconductors SC16C652 Datasheet HTML 3Page - NXP Semiconductors SC16C652 Datasheet HTML 4Page - NXP Semiconductors SC16C652 Datasheet HTML 5Page - NXP Semiconductors SC16C652 Datasheet HTML 6Page - NXP Semiconductors SC16C652 Datasheet HTML 7Page - NXP Semiconductors SC16C652 Datasheet HTML 8Page - NXP Semiconductors SC16C652 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04 — 20 June 2003
Product data
1.
Description
The SC16C652 is a 2 channel Universal Asynchronous Receiver and Transmitter
(UART) used for serial data communications. Its principal function is to convert
parallel data into serial data and vice versa. The UART can handle serial data rates
up to 5 Mbits/s. The SC16C652 is pin compatible with the SC16C2550. It will
power-up to be functionally equivalent to the 16C2450. The SC16C652 provides
enhanced UART functions with 32-byte FIFOs, modem control interface, DMA mode
data transfer. The DMA mode data transfer is controlled by the FIFO trigger levels
and the TXRDY and RXRDY signals. On-board status registers provide the user with
error indications and operational status. System interrupts and modem control
features may be tailored by software to meet specific user requirements. An internal
loop-back capability allows on-board diagnostics. Independent programmable baud
rate generators are provided to select transmit and receive baud rates.
The SC16C652 operates at 5 V, 3.3 V and 2.5 V and the Industrial temperature
range, and is available in a plastic LQFP48 package.
2.
Features
s 2 channel UART
s 5 V, 3.3 V and 2.5 V operation
s Industrial temperature range
s Pin and functionally compatible to 16C2450 and software compatible with
SC16C650
s Up to 5 Mbits/s data rate at 5 V and 3.3 V, and 3 Mbit/s at 2.5 V
s 32-byte transmit FIFO to reduce the bandwidth requirement of the external CPU
s 32-byte receive FIFO with error flags to reduce the bandwidth requirement of the
external CPU
s Independent transmit and receive UART control
s Four selectable Receive and Transmit FIFO interrupt trigger levels
s Automatic software/hardware flow control
s Programmable Xon/Xoff characters
s Software selectable Baud Rate Generator
s Sleep mode
s Standard asynchronous error and framing bits (Start, Stop, and Parity Overrun
Break)
s Transmit, Receive, Line Status, and Data Set interrupts independently controlled


Similar Part No. - SC16C652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C652B PHILIPS-SC16C652B Datasheet
205Kb / 44P
5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
Rev. 03-10 December 2004
SC16C652B NXP-SC16C652B Datasheet
219Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev.04-1 September 2005
SC16C652B NXP-SC16C652B Datasheet
518Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 5.0 - 2 November 2023
SC16C652BIB48 PHILIPS-SC16C652BIB48 Datasheet
205Kb / 44P
5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
Rev. 03-10 December 2004
SC16C652BIB48 NXP-SC16C652BIB48 Datasheet
219Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev.04-1 September 2005
More results

Similar Description - SC16C652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
logo
NXP Semiconductors
SC16C2552 PHILIPS-SC16C2552 Datasheet
579Kb / 38P
Dual UART with 16-byte transmit and receive FIFOs
Rev. 03-20 June 2003
SC16IS740 PHILIPS-SC16IS740 Datasheet
308Kb / 62P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 05-16 November 2006
SC16IS740 NXP-SC16IS740 Datasheet
321Kb / 62P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 06-13 May 2008
SC16IS752 NXP-SC16IS752 Datasheet
303Kb / 59P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 07-19 May 2008
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16IS741A NXP-SC16IS741A Datasheet
505Kb / 55P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 1??8 March 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com