Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C652 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SC16C652
Description  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SC16C652 Datasheet HTML 14Page - NXP Semiconductors SC16C652 Datasheet HTML 15Page - NXP Semiconductors SC16C652 Datasheet HTML 16Page - NXP Semiconductors SC16C652 Datasheet HTML 17Page - NXP Semiconductors SC16C652 Datasheet HTML 18Page - NXP Semiconductors SC16C652 Datasheet HTML 19Page - NXP Semiconductors SC16C652 Datasheet HTML 20Page - NXP Semiconductors SC16C652 Datasheet HTML 21Page - NXP Semiconductors SC16C652 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Philips Semiconductors
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Product data
Rev. 04 — 20 June 2003
18 of 41
9397 750 11634
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.3.2
FIFO mode
Table 11:
FIFO Control Register bits description
Bit
Symbol
Description
7-6
FCR[7]
(MSB),
FCR[6]
(LSB)
RCVR trigger. These bits are used to set the trigger level for the receive
FIFO interrupt.
An interrupt is generated when the number of characters in the FIFO
equals the programmed trigger level. However, the FIFO will continue to
be loaded until it is full. Refer to Table 12.
5-4
FCR[5]
(MSB),
FCR[4]
(LSB)
Logic 0 or cleared is the default condition; TX trigger level = 16.
These bits are used to set the trigger level for the transmit FIFO
interrupt. The SC16C652 will issue a transmit empty interrupt when the
number of characters in FIFO drops below the selected trigger level.
Refer to Table 13.
3
FCR[3]
DMA mode select.
Logic 0 = Set DMA mode ‘0’ (normal default condition).
Logic 1 = Set DMA mode ‘1’
Transmit operation in mode ‘0’: When the SC16C652 is in the 16C450
mode (FIFOs disabled; FCR[0] = logic 0) or in the FIFO mode (FIFOs
enabled; FCR[0] = logic 1; FCR[3] = logic 0), and when there are no
characters in the transmit FIFO or transmit holding register, the TXRDY
pin will be a logic 0. Once active, the TXRDY pin will go to a logic 1 after
the first character is loaded into the transmit holding register.
Receive operation in mode ‘0’: When the SC16C652 is in 16C450
mode, or in the FIFO mode (FCR[0] = logic 1; FCR[3] = logic 0) and
there is at least one character in the receive FIFO, the RXRDY pin will
be a logic 0. Once active, the RXRDY pin will go to a logic 1 when there
are no more characters in the receiver.
Transmit operation in mode ‘1’: When the SC16C652 is in FIFO mode
(FCR[0] = logic 1; FCR[3] = logic 1), the TXRDY pin will be a logic 1
when the transmit FIFO is completely full. It will be a logic 0 when the
trigger level has been reached.
Receive operation in mode ‘1’: When the SC16C652 is in FIFO mode
(FCR[0] = logic 1; FCR[3] = logic 1) and the trigger level has been
reached, or a Receive Time-Out has occurred, the RXRDY pin will go to
a logic 0. Once activated, it will go to a logic 1 after there are no more
characters in the FIFO.
2
FCR[2]
XMIT FIFO reset.
Logic 0 = No FIFO transmit reset (normal default condition).
Logic 1 = Clears the contents of the transmit FIFO and resets the
FIFO counter logic (the transmit shift register is not cleared or
altered). This bit will return to a logic 0 after clearing the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com