Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C652 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SC16C652
Description  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SC16C652 Datasheet HTML 19Page - NXP Semiconductors SC16C652 Datasheet HTML 20Page - NXP Semiconductors SC16C652 Datasheet HTML 21Page - NXP Semiconductors SC16C652 Datasheet HTML 22Page - NXP Semiconductors SC16C652 Datasheet HTML 23Page - NXP Semiconductors SC16C652 Datasheet HTML 24Page - NXP Semiconductors SC16C652 Datasheet HTML 25Page - NXP Semiconductors SC16C652 Datasheet HTML 26Page - NXP Semiconductors SC16C652 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
Philips Semiconductors
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Product data
Rev. 04 — 20 June 2003
23 of 41
9397 750 11634
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.7 Line Status Register (LSR)
This register provides the status of data transfers between the SC16C652 and
the CPU.
Table 21:
Line Status Register bits description
Bit
Symbol
Description
7
LSR[7]
FIFO data error.
Logic 0 = No error (normal default condition).
Logic 1 = At least one parity error, framing error or break
indication is in the current FIFO data. This bit is cleared when
there are no remaining error flags associated with the remaining
data in the FIFO.
6
LSR[6]
THR and TSR empty. This bit is the Transmit Empty indicator. This
bit is set to a logic 1 whenever the transmit holding register and the
transmit shift register are both empty. It is reset to logic 0 whenever
either the THR or TSR contains a data character. In the FIFO
mode, this bit is set to ‘1’ whenever the transmit FIFO and transmit
shift register are both empty.
5
LSR[5]
THR empty. This bit is the Transmit Holding Register Empty
indicator. This bit indicates that the UART is ready to accept a new
character for transmission. In addition, this bit causes the UART to
issue an interrupt to CPU when the THR interrupt enable is set.
The THR bit is set to a logic 1 when a character is transferred from
the transmit holding register into the transmitter shift register. The
bit is reset to a logic 0 concurrently with the loading of the
transmitter holding register by the CPU. In the FIFO mode, this bit
is set when the transmit FIFO is empty; it is cleared when at least
1 byte is written to the transmit FIFO.
4
LSR[4]
Break interrupt.
Logic 0 = No break condition (normal default condition).
Logic 1 = The receiver received a break signal (RX was a logic 0
for one character frame time). In the FIFO mode, only one break
character is loaded into the FIFO.
3
LSR[3]
Framing error.
Logic 0 = No framing error (normal default condition).
Logic1=Framing error. The receive character did not have a
valid stop bit(s). In the FIFO mode, this error is associated with
the character at the top of the FIFO.
2
LSR[2]
Parity error.
Logic 0 = No parity error (normal default condition.
Logic1=Parity error. The receive character does not have
correct parity information and is suspect. In the FIFO mode, this
error is associated with the character at the top of the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com