Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C652 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SC16C652
Description  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SC16C652 Datasheet HTML 3Page - NXP Semiconductors SC16C652 Datasheet HTML 4Page - NXP Semiconductors SC16C652 Datasheet HTML 5Page - NXP Semiconductors SC16C652 Datasheet HTML 6Page - NXP Semiconductors SC16C652 Datasheet HTML 7Page - NXP Semiconductors SC16C652 Datasheet HTML 8Page - NXP Semiconductors SC16C652 Datasheet HTML 9Page - NXP Semiconductors SC16C652 Datasheet HTML 10Page - NXP Semiconductors SC16C652 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Philips Semiconductors
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Product data
Rev. 04 — 20 June 2003
7 of 41
9397 750 11634
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
6.
Functional description
The SC16C652 provides serial asynchronous receive data synchronization,
parallel-to-serial and serial-to-parallel data conversions for both the transmitter and
receiver sections. These functions are necessary for converting the serial data
stream into parallel data that is required with digital data systems. Synchronization for
the serial data stream is accomplished by adding start and stop bits to the transmit
data to form a data character (character orientated protocol). Data integrity is insured
by attaching a parity bit to the data character. The parity bit is checked by the receiver
for any transmission bit errors. The electronic circuitry to provide all these functions is
fairly complex, especially when manufactured on a single integrated silicon chip. The
SC16C652 represents such an integration with greatly enhanced features. The
SC16C652 is fabricated with an advanced CMOS process.
The SC16C652 is an upward solution that provides a dual UART capability with
32 bytes of transmit and receive FIFO memory, instead of 16 bytes for the 16C2550
and none in the 16C2450. The SC16C652 is designed to work with high speed
modems and shared network environments that require fast data processing time.
Increased performance is realized in the SC16C652 by the transmit and receive
FIFOs. This allows the external processor to handle more networking tasks within a
given time. In addition, the four selectable receive and transmit FIFO trigger interrupt
levels are uniquely provided for maximum data throughput performance especially
when operating in a multi-channel environment. The FIFO memory greatly reduces
the bandwidth requirement of the external controlling CPU, increases performance,
and reduces power consumption.
The SC16C652 is capable of operation up to 5 Mbits/s with a 24 MHz clock. With a
crystal or external clock input of 7.3728 MHz, the user can select data rates up to
460.8 kbits/s.
The rich feature set of the SC16C652 is available through internal registers.
Selectable receive and transmit FIFO trigger levels, selectable TX and RX baud rates,
and modem interface controls are all standard features. Following a power-on reset or
an external reset, the SC16C652 is software compatible with the previous generation,
SC16C2550 and ST16C2450.
6.1 UART A-B functions
The UART provides the user with the capability to bi-directionally transfer information
between an external CPU, the SC16C652 package, and an external serial device. A
logic 0 on chip select pins CSA and/or CSB allows the user to configure, send data,
and/or receive data via UART channels A-B. Individual channel select functions are
shown in Table 3.
Table 3:
Serial port selection
Chip Select
Function
CSA-CSB = 1
none
CSA = 0
UART channel A
CSB = 0
UART channel B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com