Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C652 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SC16C652
Description  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SC16C652 Datasheet HTML 23Page - NXP Semiconductors SC16C652 Datasheet HTML 24Page - NXP Semiconductors SC16C652 Datasheet HTML 25Page - NXP Semiconductors SC16C652 Datasheet HTML 26Page - NXP Semiconductors SC16C652 Datasheet HTML 27Page - NXP Semiconductors SC16C652 Datasheet HTML 28Page - NXP Semiconductors SC16C652 Datasheet HTML 29Page - NXP Semiconductors SC16C652 Datasheet HTML 30Page - NXP Semiconductors SC16C652 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
Philips Semiconductors
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Product data
Rev. 04 — 20 June 2003
27 of 41
9397 750 11634
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.11 SC16C652 external reset condition
8.
Limiting values
Table 25:
Reset state for registers
Register
Reset state
IER
IER[7-0] = 0
FCR
FCR[7-0] = 0
ISR
ISR[7-1] = 0; ISR[0] = 1
LCR
LCR[7-0] = 0
MCR
MCR[7-0] = 0
LSR
LSR[7] = 0; LSR[6-5] = 1; LSR[4-0] = 0
MSR
MSR[7-4] = input signals; MSR[3-0] = 0
SPR
SFR[7-0] = 1
DLL
DLL[7-0] = X
DLM
DLM[7-0] = X
Table 26:
Reset state for outputs
Output
Reset state
TXA, TXB
Logic 1
OP2A, OP2B
Logic 1
RTSA, RTSB
Logic 1
DTRA, DTRB
Logic 1
INTA, INTB
3-State condition
Table 27:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-
7
V
Vn
voltage at any pin
GND
− 0.3
VCC + 0.3
V
Tamb
operating temperature
−40
+85
°C
Tstg
storage temperature
−65
+150
°C
Ptot(pack)
total power dissipation
per package
-
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com