Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3MDL Datasheet(PDF) 12 Page - STMicroelectronics

Part # LIS3MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3MDL Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LIS3MDL Datasheet HTML 8Page - STMicroelectronics LIS3MDL Datasheet HTML 9Page - STMicroelectronics LIS3MDL Datasheet HTML 10Page - STMicroelectronics LIS3MDL Datasheet HTML 11Page - STMicroelectronics LIS3MDL Datasheet HTML 12Page - STMicroelectronics LIS3MDL Datasheet HTML 13Page - STMicroelectronics LIS3MDL Datasheet HTML 14Page - STMicroelectronics LIS3MDL Datasheet HTML 15Page - STMicroelectronics LIS3MDL Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Magnetic and electrical specifications
LIS3MDL
12/33
DocID024204 Rev 4
2.5
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Note:
Supply voltage on any pin should never exceed 4.8 V.
Table 8. Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd
Supply voltage
-0.3 to 4.8
V
Vdd_IO
I/O pins supply voltage
-0.3 to 4.8
V
Vin
Input voltage on any control pin (SCL/SPC,
SDA/SDI/SDO, SDO/SA1, CS)
-0.3 to Vdd_IO +0.3
V
AUNP
Acceleration (any axis)
3,000 for 0.5 ms
g
10,000 for 0.1 ms
g
MEF
Maximum exposed field
1000
gauss
TOP
Operating temperature range
-40 to +85
°C
TSTG
Storage temperature range
-40 to +125
°C
This device is sensitive to magnetic fields, improper handling can cause permanent
damage to the part.
This device is sensitive to electrostatic discharge (ESD), improper handling can
cause permanent damage to the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com