Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3MDL Datasheet(PDF) 24 Page - STMicroelectronics

Part # LIS3MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3MDL Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LIS3MDL Datasheet HTML 20Page - STMicroelectronics LIS3MDL Datasheet HTML 21Page - STMicroelectronics LIS3MDL Datasheet HTML 22Page - STMicroelectronics LIS3MDL Datasheet HTML 23Page - STMicroelectronics LIS3MDL Datasheet HTML 24Page - STMicroelectronics LIS3MDL Datasheet HTML 25Page - STMicroelectronics LIS3MDL Datasheet HTML 26Page - STMicroelectronics LIS3MDL Datasheet HTML 27Page - STMicroelectronics LIS3MDL Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Registers description
LIS3MDL
24/33
DocID024204 Rev 4
7
Registers description
7.1
WHO_AM_I (0Fh)
Device identification register.
7.2
CTRL_REG1 (20h)
Table 17. WHO_AM_I register
00111101
Table 18. CTRL_REG1 register
TEMP_EN
OM1
OM0
DO2
DO1
DO0
FAST_ODR
ST
Table 19. CTRL_REG1 description
TEMP_EN
Temperature sensor enable. Default value: 0
(0: temperature sensor disabled; 1: temperature sensor enabled)
OM[1:0]
X and Y axes operative mode selection. Default value: 00
(Refer to Table 21)
DO[2:0]
Output data rate selection. Default value: 100
(Refer to Table 22)
FAST_ODR
FAST_ODR enables data rates higher than 80 Hz (refer to Table 20).
Default value: 0
(0: Fast_ODR disabled; 1: FAST_ODR enabled)
ST
Self-test enable. Default value: 0
(0: self-test disabled; 1: self-test enabled)
Table 20. Data rate configuration
DO2
DO1
DO0
FAST_ODR
ODR [Hz]
OM
X
X
X
1
1000
LP
X
X
X
1
560
MP
X
X
X
1
300
HP
X
X
X
1
155
UHP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com