Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3MDL Datasheet(PDF) 29 Page - STMicroelectronics

Part # LIS3MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3MDL Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LIS3MDL Datasheet HTML 25Page - STMicroelectronics LIS3MDL Datasheet HTML 26Page - STMicroelectronics LIS3MDL Datasheet HTML 27Page - STMicroelectronics LIS3MDL Datasheet HTML 28Page - STMicroelectronics LIS3MDL Datasheet HTML 29Page - STMicroelectronics LIS3MDL Datasheet HTML 30Page - STMicroelectronics LIS3MDL Datasheet HTML 31Page - STMicroelectronics LIS3MDL Datasheet HTML 32Page - STMicroelectronics LIS3MDL Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
DocID024204 Rev 4
29/33
LIS3MDL
Registers description
7.13
INT_SRC (31h)
Table 37. INT_CFG description
XIEN
Enable interrupt generation on X-axis. Default value: 0
0: disable interrupt request; 1: enable interrupt request
YIEN
Enable interrupt generation on Y-axis. Default value: 0
0: disable interrupt request; 1: enable interrupt request
ZIEN
Enable interrupt generation on Z-axis. Default value: 0
0: disable interrupt request; 1: enable interrupt request
IEA
Interrupt active configuration on INT. Default value 0
0: low; 1:high
LIR
Latch interrupt request. Default value: 0
0: interrupt request latched; 1: interrupt request not latched)
Once latched, the INT pin remains in the same state until INT_SRC (31h) is read.
IEN
Interrupt enable on INT pin. Default value 0.
0: disabled; 1: enabled
Table 38. INT_SRC register
PTH_X
PTH_Y
PTH_Z
NTH_X
NTH_Y
NTH_Z
MROI
INT
Table 39. INT_SRC description
PTH_X
Value on X-axis exceeds the threshold on the positive side.
Default value: 0.
PTH_Y
Value on Y-axis exceeds the threshold on the positive side.
Default value: 0.
PTH_Z
Value on Z-axis exceeds the threshold on the positive side.
Default value: 0.
NTH_X
Value on X-axis exceeds the threshold on the negative side.
Default value: 0.
NTH_Y
Value on Y-axis exceeds the threshold on the negative side.
Default value: 0.
NTH_Z
Value on Z-axis exceeds the threshold on the negative side.
Default value: 0.
MROI
Internal measurement range overflow on magnetic value.
Default value: 0.
INT
This bit signals when an interrupt event occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com