Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3MDL Datasheet(PDF) 28 Page - STMicroelectronics

Part # LIS3MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3MDL Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LIS3MDL Datasheet HTML 24Page - STMicroelectronics LIS3MDL Datasheet HTML 25Page - STMicroelectronics LIS3MDL Datasheet HTML 26Page - STMicroelectronics LIS3MDL Datasheet HTML 27Page - STMicroelectronics LIS3MDL Datasheet HTML 28Page - STMicroelectronics LIS3MDL Datasheet HTML 29Page - STMicroelectronics LIS3MDL Datasheet HTML 30Page - STMicroelectronics LIS3MDL Datasheet HTML 31Page - STMicroelectronics LIS3MDL Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Registers description
LIS3MDL
28/33
DocID024204 Rev 4
7.8
OUT_X_L (28h), OUT_X_H(29h)
X-axis data output. The value of magnetic field is expressed as two’s complement.
7.9
OUT_Y_L (2Ah), OUT_Y_H (2Bh)
Y-axis data output. The value of magnetic field is expressed as two’s complement.
7.10
OUT_Z_L (2Ch), OUT_Z_H (2Dh)
Z-axis data output. The value of magnetic field is expressed as two’s complement.
7.11
TEMP_OUT_L (2Eh), TEMP_OUT_H (2Fh)
Temperature sensor data. The value of temperature is expressed as two’s complement.
7.12
INT_CFG (30h)
ZYXDA
X-, Y- and Z-axis new data available. Default value: 0
(0: a new set of data is not yet available;
1: a new set of data is available)
ZDA
Z-axis new data available. Default value: 0
(0: new data for the Z-axis is not yet available;
1: new data for the Z-axis is available)
YDA
Y-axis new data available. Default value: 0
(0: new data for the Y-axis is not yet available;
1: new data for the Y-axis is available)
XDA
X-axis new data available. Default value: 0
(0: new data for the X-axis is not yet available;
1: new data for the X-axis is available)
Table 35. STATUS_REG description (continued)
Table 36. INT_CFG register
XIEN
YIEN
ZIEN
0(1)
1. These bits must be set to ‘0’ for correct functioning of the device
0(1)
IEA
LIR
IEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com