Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3MDL Datasheet(PDF) 26 Page - STMicroelectronics

Part # LIS3MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3MDL Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LIS3MDL Datasheet HTML 22Page - STMicroelectronics LIS3MDL Datasheet HTML 23Page - STMicroelectronics LIS3MDL Datasheet HTML 24Page - STMicroelectronics LIS3MDL Datasheet HTML 25Page - STMicroelectronics LIS3MDL Datasheet HTML 26Page - STMicroelectronics LIS3MDL Datasheet HTML 27Page - STMicroelectronics LIS3MDL Datasheet HTML 28Page - STMicroelectronics LIS3MDL Datasheet HTML 29Page - STMicroelectronics LIS3MDL Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Registers description
LIS3MDL
26/33
DocID024204 Rev 4
7.4
CTRL_REG3 (22h)
7.5
CTRL_REG4 (23h)
Table 26. CTRL_REG3 register
0(1)
1. These bits must be set to ‘0’ for correct functioning of the device
0(1)
LP
0(1)
0(1)
SIM
MD1
MD0
Table 27. CTRL_REG3 description
LP
Low-power mode configuration. Default value: 0
If this bit is ‘1’, DO[2:0] is set to 0.625 Hz and the system performs, for each
channel, the minimum number of averages. Once the bit is set to ‘0’, the mag-
netic data rate is configured by the DO bits in CTRL_REG1 (20h) register.
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface).
MD[1:0]
Operating mode selection. Default value: 11
Refer to Table 28.
Table 28. System operating mode selection
MD1
MD0
Mode
0
0
Continuous-conversion mode
0
1
Single-conversion mode
Single-conversion mode has to be used with sampling frequency from 0.625 Hz
to 80Hz.
1
0
Power-down mode
1
1
Power-down mode
Table 29. CTRL_REG4 register
0(1)
1. These bits must be set to ‘0’ for correct functioning of the device
0(1)
0(1)
0(1)
OMZ1
OMZ0
BLE
0(1)
Table 30. CTRL_REG4 description
OMZ[1:0]
Z-axis operative mode selection.
Default value: 00. Refer to Table 31.
BLE
Big/Little Endian data selection. Default value: 0
(0: data LSb at lower address; 1: data MSb at lower address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com