Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3MDL Datasheet(PDF) 25 Page - STMicroelectronics

Part # LIS3MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3MDL Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LIS3MDL Datasheet HTML 21Page - STMicroelectronics LIS3MDL Datasheet HTML 22Page - STMicroelectronics LIS3MDL Datasheet HTML 23Page - STMicroelectronics LIS3MDL Datasheet HTML 24Page - STMicroelectronics LIS3MDL Datasheet HTML 25Page - STMicroelectronics LIS3MDL Datasheet HTML 26Page - STMicroelectronics LIS3MDL Datasheet HTML 27Page - STMicroelectronics LIS3MDL Datasheet HTML 28Page - STMicroelectronics LIS3MDL Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
DocID024204 Rev 4
25/33
LIS3MDL
Registers description
7.3
CTRL_REG2 (21h)
Table 21. X and Y axes operating mode selection
OM1
OM0
Operating mode for X and Y axes
0
0
Low-power mode
0
1
Medium-performance mode
1
0
High-performance mode
1
1
Ultra-high-performance mode
Table 22. Output data rate configuration
DO2
DO1
DO0
ODR [Hz]
0
0
0
0.625
0
0
1
1.25
0
1
0
2.5
0115
1
0
0
10
1
0
1
20
1
1
0
40
1
1
1
80
Table 23. CTRL_REG2 register
0(1)
1. These bits must be set to ‘0’ for correct functioning of the device
FS1
FS0
0(1)
REBOOT
SOFT_RST
0(1)
0(1)
Table 24. CTRL_REG2 description
FS[1:0]
Full-scale configuration. Default value: 00
Refer to Table 25
REBOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
SOFT_RST
Configuration registers and user register reset function.
(0: Default value; 1: Reset operation)
Table 25. Full-scale selection
FS1
FS0
Full-scale
0
0
±4 gauss
0
1
±8 gauss
1
0
±12 gauss
1
1
±16 gauss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com