Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3MDL Datasheet(PDF) 23 Page - STMicroelectronics

Part # LIS3MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3MDL Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LIS3MDL Datasheet HTML 19Page - STMicroelectronics LIS3MDL Datasheet HTML 20Page - STMicroelectronics LIS3MDL Datasheet HTML 21Page - STMicroelectronics LIS3MDL Datasheet HTML 22Page - STMicroelectronics LIS3MDL Datasheet HTML 23Page - STMicroelectronics LIS3MDL Datasheet HTML 24Page - STMicroelectronics LIS3MDL Datasheet HTML 25Page - STMicroelectronics LIS3MDL Datasheet HTML 26Page - STMicroelectronics LIS3MDL Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DocID024204 Rev 4
23/33
LIS3MDL
Register mapping
6
Register mapping
The table below provides a list of the 8-bit registers embedded in the device and their
respective addresses.
Registers marked Reserved or not listed in the table above must not be changed. Writing to
those registers may cause permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
Table 16. Register address map
Name
Type
Register address
Default
Comment
Hex
Binary
Reserved
00 - 0E
--
--
Reserved
WHO_AM_I
r
0F
0000 1111
00111101
Dummy register
Reserved
10 - 1F
--
--
Reserved
CTRL_REG1
r/w
20
0010 0000
00010000
CTRL_REG2
r/w
21
0010 0001
00000000
CTRL_REG3
r/w
22
0010 0010
00000011
CTRL_REG4
r/w
23
0010 0011
00000000
CTRL_REG5
r/w
24
0010 0100
00000000
Reserved
25 - 26
--
--
Reserved
STATUS_REG
r
27
0010 0111
Output
OUT_X_L
r
28
0010 1000
Output
OUT_X_H
r
29
0010 1001
Output
OUT_Y_L
r
2A
0010 1010
Output
OUT_Y_H
r
2B
0010 1011
Output
OUT_Z_L
r
2C
0010 1100
Output
OUT_Z_H
r
2D
0010 1101
Output
TEMP_OUT_L
r
2E
0010 1110
Output
TEMP_OUT_H
r
2F
0010 1111
Output
INT_CFG
rw
30
00110000
00000000
INT_SRC
r
31
00110001
00000000
INT_THS_L
r
32
00110010
00000000
INT_THS_H
r
33
00110011
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com