Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HB Datasheet(PDF) 23 Page - STMicroelectronics

Part # LPS22HB
Description  MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HB Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LPS22HB Datasheet HTML 19Page - STMicroelectronics LPS22HB Datasheet HTML 20Page - STMicroelectronics LPS22HB Datasheet HTML 21Page - STMicroelectronics LPS22HB Datasheet HTML 22Page - STMicroelectronics LPS22HB Datasheet HTML 23Page - STMicroelectronics LPS22HB Datasheet HTML 24Page - STMicroelectronics LPS22HB Datasheet HTML 25Page - STMicroelectronics LPS22HB Datasheet HTML 26Page - STMicroelectronics LPS22HB Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
DocID027083 Rev 5
23/49
LPS22HB
FIFO
49
5.7
Bypass-to-FIFO mode
In Bypass-to-FIFO mode (FIFO_CTRL (14h)(FMODE2:0) = '111'), data measurement
storage inside FIFO operates in FIFO mode when INT_SOURCE(IA) is equal to '1',
otherwise FIFO content is reset (Bypass mode).
An interrupt generator can be set to the desired configuration through INTERRUPT_CFG
(0Bh).
The INTERRUPT_CFG (0Bh) (LIR) bit should be set to '1' in order to have latched interrupt.
Figure 13. Bypass-to-FIFO mode
5.8
Retrieving data from FIFO
FIFO data is read from PRESS_OUT (Addr. reg 28h,29h,2Ah) and TEMP_OUT (Addr. reg
2Bh,2Ch).
Each time data is read from the FIFO, the oldest data are placed in the PRESS_OUT_XL
(28h), PRESS_OUT_L (29h), PRESS_OUT_H (2Ah), TEMP_OUT_L (2Bh) and
TEMP_OUT_H (2Ch) registers and both single-read and read-burst operations can be
used.
The device automatically updates the reading address and it rolls back to 28h when register
2Ch is reached. In order to read all FIFO levels in multiple byte reading, 160 bytes (5 output
registers by 32 levels) must be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com