Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HB Datasheet(PDF) 34 Page - STMicroelectronics

Part # LPS22HB
Description  MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HB Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LPS22HB Datasheet HTML 30Page - STMicroelectronics LPS22HB Datasheet HTML 31Page - STMicroelectronics LPS22HB Datasheet HTML 32Page - STMicroelectronics LPS22HB Datasheet HTML 33Page - STMicroelectronics LPS22HB Datasheet HTML 34Page - STMicroelectronics LPS22HB Datasheet HTML 35Page - STMicroelectronics LPS22HB Datasheet HTML 36Page - STMicroelectronics LPS22HB Datasheet HTML 37Page - STMicroelectronics LPS22HB Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Register description
LPS22HB
34/49
DocID027083 Rev 5
9
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
pressure and temperature data. The register address, made up of 7 bits, is used to identify
them and to read/write the data through the serial interface.
9.1
INTERRUPT_CFG (0Bh)
Interrupt mode for pressure acquisition configuration.
To generate an interrupt event based on a user-defined threshold, the DIFF_EN bit must be
set to '1' and the threshold values stored in THS_P_L (0Ch) and THS_P_H (0Dh).
When DIFF_EN = '1', the PHE bit or PLE bit (or both bits) have to be enabled.
When DIFF_EN is enabled and AUTOZERO or AUTORIFP is enabled, the defined pressure
threshold values in THS_P (0Ch, 0Dh) is compared with:
P_DIFF_IN = measured pressure - REF_P
76543210
AUTORIFP
RESET_ARP
AUTOZERO
RESET_AZ
DIFF_EN
LIR
PLE
PHE
AUTORIFP
Enable AUTORIFP: function. Default value: 0
(0: normal mode; 1: AutoRifP enabled)
RESET_ARP Reset AutoRifP function. Default value: 0
(0: normal mode; 1: reset AutoRifP function)
AUTOZERO
Enable Autozero function. Default value: 0
(0: normal mode; 1: Autozero enabled)
RESET_AZ
Reset Autozero function. Default value: 0
(0: normal mode; 1: reset Autozero function)
DIFF_EN
Enable interrupt generation. Default value: 0
(0: interrupt generation disabled; 1: interrupt generation enabled)
LIR
Latch interrupt request to the INT_SOURCE (25h) register. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
PLE
Enable interrupt generation on pressure low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on pressure value lower than preset threshold)
PHE
Enable interrupt generation on pressure high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on pressure value higher than preset threshold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com