Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HB Datasheet(PDF) 41 Page - STMicroelectronics

Part # LPS22HB
Description  MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HB Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LPS22HB Datasheet HTML 37Page - STMicroelectronics LPS22HB Datasheet HTML 38Page - STMicroelectronics LPS22HB Datasheet HTML 39Page - STMicroelectronics LPS22HB Datasheet HTML 40Page - STMicroelectronics LPS22HB Datasheet HTML 41Page - STMicroelectronics LPS22HB Datasheet HTML 42Page - STMicroelectronics LPS22HB Datasheet HTML 43Page - STMicroelectronics LPS22HB Datasheet HTML 44Page - STMicroelectronics LPS22HB Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
DocID027083 Rev 5
41/49
LPS22HB
Register description
49
9.8
FIFO_CTRL (14h)
FIFO control register
9.9
REF_P_XL (15h)
Reference pressure (LSB data)
The Reference pressure value is a 24-bit data and it is composed of REF_P_H (17h),
REF_P_L (16h) and REF_P_XL (15h). The value is expressed as 2’s complement.
The reference pressure value is used when AUTOZERO or AUTORIFP function is enabled.
Please refer to INTERRUPT_CFG (0Bh) register description.
76543210
F_MODE2
F_MODE1
F_MODE0
WTM4
WTM3
WTM2
WTM1
WTM0
F_MODE[2:0] FIFO mode selection. Default value: 000
Refer to Table 20 and Section 5 for additional details.
WTM[4:0]
FIFO watermark level selection.
Table 20. FIFO mode selection
F_MODE2 F_MODE1
F_MODE0
FIFO mode selection
00
0
Bypass mode
00
1
FIFO mode
01
0
Stream mode
01
1
Stream-to-FIFO mode
10
0
Bypass-to-Stream mode
10
1
Reserved
11
0
Dynamic-Stream mode
11
1
Bypass-to-FIFO mode
76543210
REFL7
REFL6
REFL5
REFL4
REFL3
REFL2
REFL1
REFL0
REFL[7:0]
This register contains the low part of the reference pressure value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com