Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HB Datasheet(PDF) 44 Page - STMicroelectronics

Part # LPS22HB
Description  MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HB Datasheet(HTML) 44 Page - STMicroelectronics

Back Button LPS22HB Datasheet HTML 40Page - STMicroelectronics LPS22HB Datasheet HTML 41Page - STMicroelectronics LPS22HB Datasheet HTML 42Page - STMicroelectronics LPS22HB Datasheet HTML 43Page - STMicroelectronics LPS22HB Datasheet HTML 44Page - STMicroelectronics LPS22HB Datasheet HTML 45Page - STMicroelectronics LPS22HB Datasheet HTML 46Page - STMicroelectronics LPS22HB Datasheet HTML 47Page - STMicroelectronics LPS22HB Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Register description
LPS22HB
44/49
DocID027083 Rev 5
9.16
FIFO_STATUS (26h)
FIFO status
76543210
FTH_FIFO
OVR
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
FTH_FIFO
FIFO watermark status.
(0: FIFO filling is lower than treshold level;
1: FIFO filling is equal or higher than treshold level).
OVR
FIFO overrun status.
(0: FIFO is not completely full;
1: FIFO is full and at least one sample in the FIFO has been overwritten).
FSS[5:0]
FIFO stored data level.
(000000: FIFO empty, 100000: FIFO is full and has 32 unread samples).
Table 21. FIFO_STATUS example: OVR/FSS details
FTH
OVRN
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
Description
0
0
0
0
0
0
0
0
FIFO empty
--(1)
1. When the number of unread samples in FIFO is greater than the threshold level set in register
FIFO_CTRL (14h), the FTH value is ‘1’.
0
0
0
0
0
0
1
1 unread sample
--
--(1)
0
1
0
0
0
0
0
32 unread samples
11100000
At least one sample
has been written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com