Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HB Datasheet(PDF) 43 Page - STMicroelectronics

Part # LPS22HB
Description  MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HB Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LPS22HB Datasheet HTML 39Page - STMicroelectronics LPS22HB Datasheet HTML 40Page - STMicroelectronics LPS22HB Datasheet HTML 41Page - STMicroelectronics LPS22HB Datasheet HTML 42Page - STMicroelectronics LPS22HB Datasheet HTML 43Page - STMicroelectronics LPS22HB Datasheet HTML 44Page - STMicroelectronics LPS22HB Datasheet HTML 45Page - STMicroelectronics LPS22HB Datasheet HTML 46Page - STMicroelectronics LPS22HB Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
DocID027083 Rev 5
43/49
LPS22HB
Register description
49
9.14
RES_CONF (1Ah)
Low-power mode configuration
9.15
INT_SOURCE (25h)
Interrupt source
76543210
0(1)
1. These bits must be set to ‘0’ for proper operation of the device.
0(1)
0(1)
0(1)
0(1)
0(1)
reserved(2)
2. The content of this bit must not be modified for proper operation of the device
LC_EN
LC_EN(1)
1. The LC_EN bit must be changed only with the device in power down and not during operation. Once
LC_EN bit is configured, it affects both One-shot mode and Continuous mode.
Low current mode enable. Default 0
0: Normal mode (low-noise mode); 1: Low-current mode).
7
6543210
BOOT_STATUS
0000
IA
PL
PH
BOOT_STATUS
If ‘1’ indicates that the Boot (Reboot) phase is running.
IA
Interrupt active.
(0: no interrupt has been generated;
1: one or more interrupt events have been generated).
PL
Differential pressure Low.
(0: no interrupt has been generated;
1: low differential pressure event has occurred).
PH
Differential pressure High.
(0: no interrupt has been generated;
1: high differential pressure event has occurred).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com