Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HB Datasheet(PDF) 48 Page - STMicroelectronics

Part # LPS22HB
Description  MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HB Datasheet(HTML) 48 Page - STMicroelectronics

Back Button LPS22HB Datasheet HTML 41Page - STMicroelectronics LPS22HB Datasheet HTML 42Page - STMicroelectronics LPS22HB Datasheet HTML 43Page - STMicroelectronics LPS22HB Datasheet HTML 44Page - STMicroelectronics LPS22HB Datasheet HTML 45Page - STMicroelectronics LPS22HB Datasheet HTML 46Page - STMicroelectronics LPS22HB Datasheet HTML 47Page - STMicroelectronics LPS22HB Datasheet HTML 48Page - STMicroelectronics LPS22HB Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
Revision history
LPS22HB
48/49
DocID027083 Rev 5
11
Revision history
Table 22. Document revision history
Date
Revision
Changes
29-Oct-2014
1
Initial release.
05-May-2015
2
Datasheet status promoted from “Target specification” to
“Preliminary data”.
Updated: note 2 in Table 3: Pressure and temperature
sensor characteristics, Section 4: FIFO, Table 20: FIFO
mode selection and the following registers:
FIFO_STATUS (26h), CTRL_REG1 (10h), CTRL_REG2
(11h), Section 9: Package mechanical data.
04-Sep-2015
3
Datasheet status promoted from “Preliminary data” to
“Production data”.
Updates: Table 1: Device summary, Sections: 4.2: IC
interface, 4.3: Factory calibration, 7.1: Serial interfaces,
Table 17: Output data rate bit configurations and 9.17:
STATUS (27h).
15-Dec-2015
4
Updated: Section 1: Block diagrams, Section 4.4:
Interpreting pressure readings, Table 16: Registers
address map, Figure 21.
Added: TEMP_OUT_H (2Ch) and LPFP_RES (33h).
Minor text changes.
22-Nov-2016
5
Added footnote 2 to CTRL_REG1 (10h)
Minor textual updates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com