Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HB Datasheet(PDF) 37 Page - STMicroelectronics

Part # LPS22HB
Description  MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HB Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LPS22HB Datasheet HTML 33Page - STMicroelectronics LPS22HB Datasheet HTML 34Page - STMicroelectronics LPS22HB Datasheet HTML 35Page - STMicroelectronics LPS22HB Datasheet HTML 36Page - STMicroelectronics LPS22HB Datasheet HTML 37Page - STMicroelectronics LPS22HB Datasheet HTML 38Page - STMicroelectronics LPS22HB Datasheet HTML 39Page - STMicroelectronics LPS22HB Datasheet HTML 40Page - STMicroelectronics LPS22HB Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
DocID027083 Rev 5
37/49
LPS22HB
Register description
49
9.5
CTRL_REG1 (10h)
Control register 1
When the ODR bits are set to '000', the device is in Power-down mode. When the device is
in power-down mode, almost all internal blocks of the device are switched off to minimize
power consumption. The I2C interface is still active to allow communication with the device.
The content of the configuration registers is preserved and output data registers are not
updated, therefore keeping the last data sampled in memory before going into power-down
mode.
If the ONE_SHOT bit in CTRL_REG2 (11h) is set to '1', One-shot mode is triggered and a
new acquisition starts when it is required. Enabling this mode is possible only if the device
was previously in power-down mode (ODR bits set to '000'). Once the acquisition is
completed and the output registers updated, the device automatically enters in power-down
mode. ONE_SHOT bit self-clears itself.
76543210
0(1)
1. This bit must be set to ‘0’ for proper operation of the device.
ODR2
ODR1
ODR0
EN_LPFP
LPFP_CFG
BDU
SIM
ODR [2:0]
Output data rate selection. Default value: 000
Refer to Table 17.
EN_LPFP
Enable low-pass filter on pressure data when Continuous mode is used. Default
value: 0
(0: Low-pass filter disabled; 1: Low-pass filter enabled)
LPFP_CFG
LPFP_CFG: Low-pass configuration register. Default value:0
Refer to Table 18.
BDU(1)
1. To guarantee the correct behavior of BDU feature, PRESS_OUT_H (2Ah) must be the last address read.
Block data update. Default value: 0
(0: continuous update;
1: output registers not updated until MSB and LSB have been read(2))
2. When I2C is used with BDU=1, the IF_ADD_INC bit has to be set to ‘0’ in CTRL_REG2 (11h) and only a
single-byte read of the output registers is allowed.
SIM
SPI Serial Interface Mode selection.Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
Table 17. Output data rate bit configurations
ODR2
ODR1
ODR0
Pressure (Hz)
Temperature (Hz)
000
Power down / one-shot mode enabled
001
1 Hz
1 Hz
0
1
0
10 Hz
10 Hz
011
25 Hz
25 Hz
100
50 Hz
50 Hz
1
0
1
75 Hz
75 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com