Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22HB Datasheet(PDF) 36 Page - STMicroelectronics

Part # LPS22HB
Description  MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HB Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LPS22HB Datasheet HTML 32Page - STMicroelectronics LPS22HB Datasheet HTML 33Page - STMicroelectronics LPS22HB Datasheet HTML 34Page - STMicroelectronics LPS22HB Datasheet HTML 35Page - STMicroelectronics LPS22HB Datasheet HTML 36Page - STMicroelectronics LPS22HB Datasheet HTML 37Page - STMicroelectronics LPS22HB Datasheet HTML 38Page - STMicroelectronics LPS22HB Datasheet HTML 39Page - STMicroelectronics LPS22HB Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Register description
LPS22HB
36/49
DocID027083 Rev 5
9.2
THS_P_L (0Ch)
User-defined threshold value for pressure interrupt event (Least significant bits).
The threshold value for pressure interrupt generation is a 16-bit unsigned right-justified
value composed of THS_P_H (0Dh) and THS_P_L (0Ch).The value is expressed as:
Interrupt threshold (hPa) = ±THS_P / 16
To enable the interrupt event based on this user-defined threshold, the DIFF_EN bit in
INTERRUPT_CFG (0Bh) must be set to '1', the PHE bit or PLE bit (or both bits) in
INTERRUPT_CFG (0Bh) has to be enabled.
9.3
THS_P_H (0Dh)
User-defined threshold value for pressure interrupt event (Most significant bits).
9.4
WHO_AM_I (0Fh)
Device Who am I
76543210
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
THS[7:0]
This register contains the low part of threshold value for pressure interrupt generation.
76543210
THS15
THS14
THS13
THS12
THS11
THS10
THS9
THS8
THS[15:8]
This register contains the high part of threshold value for pressure interrupt genera-
tion. Refer to THS_P_L (0Ch).
76543210
10110001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com