Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3136 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM8AL3136
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3136 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM8AL3136 Datasheet HTML 50Page - STMicroelectronics STM8AL3136 Datasheet HTML 51Page - STMicroelectronics STM8AL3136 Datasheet HTML 52Page - STMicroelectronics STM8AL3136 Datasheet HTML 53Page - STMicroelectronics STM8AL3136 Datasheet HTML 54Page - STMicroelectronics STM8AL3136 Datasheet HTML 55Page - STMicroelectronics STM8AL3136 Datasheet HTML 56Page - STMicroelectronics STM8AL3136 Datasheet HTML 57Page - STMicroelectronics STM8AL3136 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 124 page
background image
Interrupt vector mapping
STM8AL313x/4x/6x STM8AL3L4x/6x
54/124
DocID18474 Rev 7
18
COMP1/
COMP2/
ADC1
COMP1 interrupt/
COMP2 interrupt
ADC1 end of conversion/
analog watchdog/
overrun interrupt
Yes
Yes
Yes
Yes
0x00 8050
19
TIM2
TIM2 update/overflow/
trigger/break interrupt
-
-
Yes
Yes
0x00 8054
20
TIM2
TIM2 capture/compare
interrupt
-
-
Yes
Yes
0x00 8058
21
TIM3
TIM3 update /overflow/
trigger/break interrupt
-
-
Yes
Yes
0x00 805C
22
TIM3
TIM3 capture/compare
interrupt
-
-
Yes
Yes
0x00 8060
23
TIM1
TIM1 update /overflow/
trigger/COM
-
-
-
Yes
0x00 8064
24
TIM1
TIM1 capture/compare
interrupt
-
-
-
Yes
0x00 8068
25
TIM4
TIM4 update /overflow/
trigger interrupt
-
-
Yes
Yes
0x00 806C
26
SPI1
SPI TX buffer empty/RX
buffer not
empty/error/wakeup
interrupt
Yes
Yes
Yes
Yes
0x00 8070
27
USART1
USART1 transmit data
register empty/
transmission complete
interrupt
-
-
Yes
Yes
0x00 8074
28
USART 1
USART1 received data
ready/overrun error/
idle line detected/parity
error/global error interrupt
-
-
Yes
Yes
0x00 8078
29
I2C1
I2C1 interrupt(3)
Yes
Yes
Yes
Yes
0x00 807C
1. The Low power wait mode is entered when executing a WFE instruction in Low power run mode. In WFE mode, the
interrupt is served if it has been previously enabled. After processing the interrupt, the processor goes back to WFE mode.
When the interrupt is configured as a wakeup event, the CPU wakes up and resumes processing.
2. The interrupt from PVD is logically OR-ed with Port E and F interrupts. Register EXTI_CONF allows to select between Port
E and Port F interrupt (see External interrupt port select register (EXTI_CONF) in STM8L051/L052 Value Line,
STM8L151/L152, STM8L162, STM8AL31, STM8AL3L MCU lines reference manual (RM0031).
3. The device is woken up from Halt or Active-halt mode only when the address received matches the interface address.
Table 11. Interrupt mapping (continued)
IRQ
No.
Source
block
Description
Wakeup
from Halt
mode
Wakeup
from
Active-halt
mode
Wakeup
from Wait
(WFI
mode)
Wakeup
from Wait
(WFE
mode)(1)
Vector
address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com