Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3136 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM8AL3136
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3136 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM8AL3136 Datasheet HTML 59Page - STMicroelectronics STM8AL3136 Datasheet HTML 60Page - STMicroelectronics STM8AL3136 Datasheet HTML 61Page - STMicroelectronics STM8AL3136 Datasheet HTML 62Page - STMicroelectronics STM8AL3136 Datasheet HTML 63Page - STMicroelectronics STM8AL3136 Datasheet HTML 64Page - STMicroelectronics STM8AL3136 Datasheet HTML 65Page - STMicroelectronics STM8AL3136 Datasheet HTML 66Page - STMicroelectronics STM8AL3136 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 124 page
background image
DocID18474 Rev 7
63/124
STM8AL313x/4x/6x STM8AL3L4x/6x
Electrical parameters
108
9.3.2
Embedded reset and power control block characteristics
Table 20. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tVDD
VDD rise time rate
BOR detector
enabled
0(1)
-
∞(1)
µs/V
VDD fall time rate
BOR detector
enabled
20(1)
-
∞(1)
tTEMP
Reset release delay
VDD rising
-3-
ms
VPDR
Power-down reset threshold
Falling edge
1.30
1.50
1.65(2)
V
VBOR0
Brown-out reset threshold 0
(BOR_TH[2:0]=000)
Falling edge
1.45
1.70
1.74(2)
Rising edge
1.69(2)
1.75
1.80
VBOR1
Brown-out reset threshold 1
(BOR_TH[2:0]=001)
Falling edge
1.75
1.93
1.97(2)
Rising edge
1.96(2)
2.04
2.23
VBOR2
Brown-out reset threshold 2
(BOR_TH[2:0]=010)
Falling edge
2.10
2.30
2.35(2)
Rising edge
2.31(2)
2.41
2.61
VBOR3
Brown-out reset threshold 3
(BOR_TH[2:0]=011)
Falling edge
2.35
2.55
2.60(2)
Rising edge
2.54(2)
2.66
2.86
VBOR4
Brown-out reset threshold 4
(BOR_TH[2:0]=100)
Falling edge
2.59
2.80
2.85(2)
Rising edge
2.78(2)
2.90
3.09
VPVD0
PVD threshold 0
Falling edge
1.75
1.84
1.88(2)
Rising edge
1.88(2)
1.94
2.15
VPVD1
PVD threshold 1
Falling edge
1.95
2.04
2.09(2)
Rising edge
2.08(2)
2.14
2.35
VPVD2
PVD threshold 2
Falling edge
2.14
2.24
2.28(2)
Rising edge
2.28(2)
2.34
2.56
VPVD3
PVD threshold 3
Falling edge
2.33
2.44
2.48(2)
Rising edge
2.47(2)
2.54
2.75
VPVD4
PVD threshold 4
Falling edge
2.52
2.64
2.69(2)
Rising edge
2.68(2)
2.74
2.88
VPVD5
PVD threshold 5
Falling edge
2.71
2.83
2.88(2)
Rising edge
2.87(2)
2.94
3.15
VPVD6
PVD threshold 6
Falling edge
2.91
3.05
3.09(2)
Rising edge
3.08(2)
3.15
3.35
1. Data guaranteed by design, not tested in production.
2. Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com